Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 21 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 17Page - STMicroelectronics STDRIVE102H Datasheet HTML 18Page - STMicroelectronics STDRIVE102H Datasheet HTML 19Page - STMicroelectronics STDRIVE102H Datasheet HTML 20Page - STMicroelectronics STDRIVE102H Datasheet HTML 21Page - STMicroelectronics STDRIVE102H Datasheet HTML 22Page - STMicroelectronics STDRIVE102H Datasheet HTML 23Page - STMicroelectronics STDRIVE102H Datasheet HTML 24Page - STMicroelectronics STDRIVE102H Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
5.2.1
Driving current management
The gate driver turns on the respective MOSFET by sourcing the programmed current IGATE,on for a time equal to
the programmed tcc,on time. After this time, the MOSFET’s gate should be completely charged, so the driver
reduces the source current to a holding value Ihold,on.
The gate driver turns off the respective MOSFET by sinking the programmed current IGATE,off for a time equal to
the programmed tcc,off time. After this time, the MOSFET’s gate should be completely discharged, so the driver
reduces the sink current to a holding value Ihold,off.
To avoid induced turn-on effects, during the turn-on phase of a MOSFET (that is, when a driver is forcing IGATE,on)
the complementary driver sinks the maximum available current Iclamp for the entire tcc,on duration.
Note that the current capability is the maximum current that the driver is able to source/sink: when the gate of the
external MOSFET is completely charged/discharged the driver is no longer able to source/sink current.
The current levels can be summarized as below:
•
The value of the source current and the sink current is set by the analog voltage on IGATE input (see
Table 9).
•
The Ihold,on current is 25 mA typical value.
•
The Ihold,off current is 50 mA typical value.
•
The Iclamp current is 2140 mA typical value.
Table 9. Programmable gate current typical values
IGATE level
refer to Table 11
IGATE,on (source)
[mA]
IGATE,off (sink)
[mA]
0 (GND)
25
50
1
75
150
2
150
300
3
250
500
4
300
600
5
350
700
6
400
800
7
500
1000
8
550
1100
9
600
1200
10
650
1300
11
700
1400
12
800
1600
13
850
1700
14
900
1800
15 (VDD)
1000
2000
The turn-on and turn-off timings (respectively tcc,on and a tcc,off) are set by the voltage on TCC input (see
Table 10).
Moreover, the input mode and the deglitch filter time of the VDS monitoring protection (tdg(VDS)) are adjusted
according to the configuration of the TCC (see Section 5.2.3).
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 21/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com