Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 32 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 28Page - STMicroelectronics STDRIVE102H Datasheet HTML 29Page - STMicroelectronics STDRIVE102H Datasheet HTML 30Page - STMicroelectronics STDRIVE102H Datasheet HTML 31Page - STMicroelectronics STDRIVE102H Datasheet HTML 32Page - STMicroelectronics STDRIVE102H Datasheet HTML 33Page - STMicroelectronics STDRIVE102H Datasheet HTML 34Page - STMicroelectronics STDRIVE102H Datasheet HTML 35Page - STMicroelectronics STDRIVE102H Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
The AFE is supplied by the VDD pin (internally connected) and it is referred to the AGND pin, to improve immunity
against ground noise.
The current consumption of the operational amplifiers slightly depends on the voltage of its output stage (VOA_Ox):
the consumption is maximum when the output is in the middle of its operating range (VDD/2), and is minimum
when the output is saturated (VOA_Ox = GND or VOA_Ox = VDD).
The overall current consumption of the AFE is part of the overall current availability of the 3.3 V internal LDO
(IDD), when using external loads connected to VDD.
5.4
Soft turn-off
When the VDS monitoring protection or the AFE comparators are triggered, it could indicate a severe overcurrent
event on the power stage (for example, short-circuit). In this case, the soft turn-off function reduces the sink
current of the gate drivers, avoiding a fast dI/dt transition on the power stage.
The drivers turn off the power MOSFET using the current IGATE,off(SO) listed in Table 14 and the tcc,off(SO) is
increased by about 8 times the normal tcc,off to ensure a correct discharge of the MOSFETs’ gates (refer to
Table 15).
Table 14. Soft-off gate currents (according to the nominal gate current IGATE level)
IGATE level
Refer to Table 11
IGATE,off
[mA]
IGATE,off(SO)
[mA]
0 (GND)
50
50
1
150
50
2
300
50
3
500
150
4
600
150
5
700
150
6
800
150
7
1000
300
8
1100
300
9
1200
300
10
1300
300
11
1400
300
12
1600
500
13
1700
500
14
1800
500
15 (VDD)
2000
500
STDRIVE102BH, STDRIVE102H
Device description
DS14545 - Rev 1
page 32/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com