Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STDRIVE102H Datasheet(PDF) 13 Page - STMicroelectronics

Part # STDRIVE102H
Description  Triple half-bridge gate driver with programmable currents
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDRIVE102H Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STDRIVE102H Datasheet HTML 9Page - STMicroelectronics STDRIVE102H Datasheet HTML 10Page - STMicroelectronics STDRIVE102H Datasheet HTML 11Page - STMicroelectronics STDRIVE102H Datasheet HTML 12Page - STMicroelectronics STDRIVE102H Datasheet HTML 13Page - STMicroelectronics STDRIVE102H Datasheet HTML 14Page - STMicroelectronics STDRIVE102H Datasheet HTML 15Page - STMicroelectronics STDRIVE102H Datasheet HTML 16Page - STMicroelectronics STDRIVE102H Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
4.2
STDRIVE102H pin description
Figure 4. STDRIVE102H pin description
SLS1
GLS1
OUT1
SLS2
GLS2
OUT2
GHS2
GLS3
OUT3
GHS3
C_IN2
OA_O
OA_INN
OA_INP
C_IN1
IGATE
TCC
AGND
nFAULT
EN
EPAD (GND)
1
10
21
30
Table 8. STDRIVE102H pin list
Pin N.
Name
Type
Function
1
EN
Digital In
Drivers enable with “FAULT release” feature. Internal pull-down.
2
nFAULT
Digital Out Open-drain pin to signal failure/protection events.
3
TCC
Analog In
Analog setting for the constant-current time (refer to Section 5.2.1).
4
IGATE
Analog In
Analog setting for the gate drivers current (refer to Section 5.2.1).
5
C_IN1
Analog In
Non-inverting input of the comparator 1.
6
C_IN2
Analog In
Non-inverting input of the comparator 2.
7
OA_O
Analog Out Output of the op amp.
8
OA_INN
Analog In
Inverting input of the op amp.
9
OA_INP
Analog In
Non-inverting input of the op amp.
10
AGND
Power
Analog ground of the device. Connect this pin to EPAD or a suitable reference GND point.
11
CREF
Analog In
Common reference voltage for the two comparators (inverting input).
12
VDD
Power
3.3 V LDO linear regulator output and supply voltage of the Analog Front-End (AFE).
13
REGIN_3V3
Power
3.3 V LDO linear regulator input.
14
VM
Power
Motor supply voltage: reference for the internal charge pump and VDS monitoring
protection.
15
VBOOT
Power
Charge pump output voltage: high-side drivers supply.
16
PCAP
Power
Charge pump fly capacitor positive pin.
17
NCAP
Power
Charge pump fly capacitor negative pin.
18
VS
Power
Device power supply and 12 V LDO linear regulator input.
19
VCC
Power
12 V LDO linear regulator output and supply voltage of the low-side drivers
STDRIVE102BH, STDRIVE102H
Pin description
DS14545 - Rev 1
page 13/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com