Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button PCN/PCNH Datasheet HTML 10Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 11Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 12Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 13Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 14Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 15Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 16Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 17Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 18Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
Force Guided Relays
Relays, Contactors & Circuit Breakers
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Key Features
Footprint
2) see footnote below
Applications
Safety modules
Process technology
Elevator and Escalator control
Safety modules
Process technology
Elevator and Escalator control
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended contact load
1 form A + 1 from B (1 NO + 1 NC)
2 form C (2 CO)
250VAC
6A
1500VA
AgNi
10mA at 5VDC
3 form A + 1 form B (3 NO + 1 NC)
2 form A + 2 form B (2 NO + 2 NC)
250VAC
8A
2000VA
AgSnO
2
10mA at 5VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC
5 to 110VDC
700mW
DC
5 to 110VDC
800mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1500Vrms
4000Vrms
3000Vrms
8/8mm
1500Vrms
4000Vrms
2500Vrms
10/10mm
Other Data
Ambient temperature (max.)
Category of environmental protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+70°C
RTIII
THT/Plug-in
PCB/Socket
29x12.6x25.5mm
+70°C
RTIII
THT
PCB
40x13x16.5mm
Accessories
Sockets and relay clips
Link to datasheet
SCHRACK SR2M
SCHRACK SR4 D/M
SCHRACK SR2M
2 pole relay with force guided contacts
according to EN50205
Reinforced insulation between poles
SCHRACK SR4 D/M
4 pole relay with force guided contacts
according to EN50205
Compact design, space efficient
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com