Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 19 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 19 Page - TE Connectivity Ltd

Back Button PCN/PCNH Datasheet HTML 15Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 16Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 17Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 18Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 19Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 20Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 21Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 22Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 23Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
PAGE 19
Panel Plug-In Relays
Relays, Contactors & Circuit Breakers
.875
(22.23)
.243
(6.17)
.240
(6.10)
.397
(10.08)
.076 DIA.TYP.
(1.93)
PCB mount not applicable.
Visit
TE.com for more information
SCHRACK RM8/C/D
Power relay with push-on and
solder terminals
Various mounting options
Indicator lamps and mechanical
indicator
Optional push to test button
Potter & Brumfield KUHP
Power relay with push-on and
solder terminals
Various mounting options
Designed to meet VDE space
requirements
Class B coil insulation
SCHRACK RM5/6/B 3MM
3mm contact gap
DC or AC coil
Push-to-test button
Plug-in version, PCB terminals
or chassis or DIN-rail mount
Applications
Cleaning equipment
Heating equipment
Cooling equipment
Baggage handling motors
Industrial pumps
Commercial ovens
Power supplies
Pump control
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1 form C (1 CO)
2 form C (2 CO)
1 form Z contact (1 NO + 1 NC)
1 form X contact (1 NO)
400VAC
25/30/32A
6000/7500VA
AgCdO, AgNi90/10
100mA at 12VDC
1 form C (1 CO)
2 form C (2 CO)
240VAC, 50/60Hz; 28VDC
20/30A
4800/7200VA
AgCdO, AgSnOInO
300mA at 12VDC
2 form A (2 NO)
3 form A (3NO)
240/400VAC
10/16A
3800/6000VA
AgCdO, AgNi90/10 in preparation
100mA at 12VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC, AC
6 to 220VDC/6 to 400VAC
1.2W/2.7VA
DC, AC
6 to 110VDC 50/60Hz. 6 to 277VAC
1.2W/2.7VA
DC, AC
6 to 220VDC/6 to 400VAC
1.2W/2.7VA
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1500/2000Vrms
2500Vrms
4000Vrms
≥4/14.9mm
1200Vrms
3750Vrms
3750Vrms
Visit
TE.com for more information
2500Vrms
2500Vrms
2500Vrms
≥4/14.9mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
DC +60/+65°C
AC +40°C
RTI
Solder/Quick connect
Bracket, top flange panel mount
and DIN snap-on
38.5x35.5x48.5mm
DC +45°C
AC +75°C
RTI, RT0
Solder/PCB THT/Quick connect
Bracket and top flange
panel mount
38.9x35.7x48.4mm
+50/+60°C
RTI
Plug-in, solder, Quick connect, PCB THT
Socket, PCB, bracket, flange mount
and DIN-snap-on
38.5x35.5x48.5mm
Accessories
No sockets
No sockets
DIN rail and PCB sockets, clips
Link to datasheet
SCHRACK RM8C/D
SCHRACK RM 8
Potter & Brumfield KUHP
SCHRACK RM5/6/B 3MM
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com