Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 9 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 9 Page - TE Connectivity Ltd

Back Button PCN/PCNH Datasheet HTML 5Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 6Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 7Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 8Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 9Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 10Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 11Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 12Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 13Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
PAGE 9
Power PCB Relays up to 16A
Relays, Contactors & Circuit Breakers
.48
± .004
(12.2
± .1)
5 – .05 DIA
(1.3)
.236
± .004
(6.0
± .1)
.079
± .004
(2.0
± .1)
.236
± .004
(6.0
± .1)
SCHRACK RP-2POLE 1.5MM
2 pole 8A
1.5mm contact gap per pole
Creepage distance complies
with IEC 60950
Sealed version available
SCHRACK PB/PBH
Compact and simple design
gives high process security
High ambient temperature
version up to 105°C (PBH)
WG type acc. IEC 60335-1
SCHRACK ORWH
Compact relay with 1 form A and 1
form C contact arrangement
10A switching capacity
Applications
Domestic appliances
UPS
Solar Inverter
White goods
Small home appliances
Heating temperature controllers
Appliances
HVAC
Emergency lighting
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
2 form A, 2 NO
250VAC
8A
2000VA
AgSnO
2
100mA at 12VDC
1 form C (CO)
1 form A (NO)
250VAC
10A
2500VA
AgNi90/10, AgSnO
1) see footnote below
1 form C (CO)
1 form A (NO)
277VAC/28VDC
10A
2770VA/360W
AgZnO, AgNi
100mA at 5VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC
5 to 110VDC
780mW
DC
5 to 48VDC
360mW/500mW
DC
5 to 24VDC
360mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
25000Vrms
5000Vrms
300Vrms
7/8mm
1000Vrms
2500Vrms
3/4mm / 4/5mm
750Vrms
1500Vrms
3.2mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+40°C
RTII, RTIII
THT
PCB
29x12.6x25.5mm
+85°C/+105°C
RTII
THT
PCB
15x15x20mm
+85°C
RTII, RTIII
THT
PCB
19.0x15.5x15.8mm
Accessories
Link to datasheet
SCHRACK RP-2POLE 1.5MM
SCHRACK PB
SCHRACK PBH
SCHRACK ORWH
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com