Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 4 Page - TE Connectivity Ltd

  PCN/PCNH Datasheet HTML 1Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 2Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 3Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 4Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 5Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 6Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 7Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 8Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
PCJ
Slim outline
Sensitive coil 200mW
WG type available (IEC 60335-1)
Ambient temperature up to 105°C
SCHRACK RE/REL
Miniature PCB relays
PCB area 200mm2
Wash tigh
t
SCHRACK PE
Low height 10.0mm
Sensitive 200mW coil
Mono-or bistable coil
WG type available (IEC 60335-1)
Applications
Industrial electronics
White goods
Measurement and control
PLC; Timers; I/O cards
Temperature control
White goods
Home applications
HVAC
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1 form C (CO)
250VAC
5A (CO)
6A (NO)
1250VA
AgNi 90/10, AgSnO
2
1) see footnote below
1 form A (NO)
250VAC
6/5A
1500/1250VA
AgNi 0.15, AgNi 90/10
1) see footnote below
1 form A (NO)
250VAC
3A/5A (WG type)
750VA/1250VA (WG type)
AgNi
100mA at 5VDC
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC, bistable
3 to 48VDC
200mW
DC
5 to 48VDC
200/360mW
DC
5 to 24VDC
200mW
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
1000Vrms
4000Vrms
3.2/4mm
1000Vrms
4000/3000Vrms
4/4mm
750Vrms
4000Vrms
8/>8mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions
+ 85°C
RTII, RTIII
THT
PCB
20x10x10mm
+70°C (RE)/ + 85°C (REL)
RTIII(RE), RTII(REL)
THT
PCB
20x10x10.6mm/20.7x10.7x12mm
+ 85/ +105°C (WG type)
RTII, RTIII
THT
PCB
20.4x7x15mm
Accessories
Link to datasheet
SCHRACK PE
SCHRACK RE
SCHRACK REL
PCJ
Key Features
Footprint
2) see footnote below
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Power PCB Relays up to 16A
Relays, Contactors & Circuit Breakers
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com