Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 17 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 17 Page - TE Connectivity Ltd

Back Button PCN/PCNH Datasheet HTML 13Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 14Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 15Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 16Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 17Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 18Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 19Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 20Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 21Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
PAGE 17
Panel Plug-In Relays
Relays, Contactors & Circuit Breakers
.210
(5.33)
.320
(8.13)
.110
(2.79)
.450
(11.43)
.550
(13.97)
.420
(10.67)
.530
(13.46)
.400
(10.16)
.630
(16.00)
.740
(18.80)
HOLES
+ .004
- .000
+ .10
- .00
DIA.
.056
1.42
(
)
.086 DIA.
(2.18)
.394
(10.01)
.185
(4.70)
.232
(5.89)
.559
(14.20)
.285
(7.24)
Potter & Brumfield R10
Broad range of coil options provide
sensitivity ranging from 25 to 750mW
Various contacts switch from dry
circuit to 7.5A
Many mounting and termination
options
SCHRACK PT/
Potter & Brumfield KH
Sensitive coil
Low height 29/33mm
Manual test tab, optionally lockable
Mechanical indicator
Optional LED, protection diode
Potter & Brumfield K10
Mounting options include socket, PCB,
top flange
DC and AC coils
LED versions available
Applications
Coin changers
Audio equipment
Ultrasonic test equipment
Machine industry
Elevator industry
Building management
Industrial controls
Motor controls
Industrial timers
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Contact material
Min. recommended
contact load
1, 2, 3, 4, 6, 8 form C (CO)
115VAC, 115VDC
0.5/2/3/7.5A
862VA max.
Ag, AgCdO, Ag w/ Au overlay
Dry circuit to 300mA at 12VDC
2 form C (2 CO)
3 form C (3 CO)
4 form C (4 CO)
240VAC
1/2/5/6/10/12A
1500/2500/3000VA
AgNi90/10, AgNi90/10 Au plated
1) Bifurcated contacts for dry
circuit available on KH
2 form C (2 CO)
120/240VAC
10/15A
1800/2500VA
AgCdO, AgNi90/10
1) see footnote below
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC, AC
3 to 115VDC/6 to 115VAC
36mW to 1.6W/1.5VA
DC, AC
6 to 220VDC/6 to 240VAC
750 to 900mW/1 to 1.2VA
DC, AC
6 to 220VDC/6 to 240VAC
750 to 900mW/1 to 1.2VA
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Clearance/creepage
between contact and coil
500/1000Vrms
1000Vrms
1000Vrms
Visit
TE.com for more information
1200Vrms
2500Vrms
2000/2500Vrms
≥4/4mm
1200/1000Vrms
2500/1500Vrms
2500/1500Vrms
≥3.1/3.1mm
Other Data
Ambient temperature (max.)
Category of environmental
protection IEC61810
Terminal type
Mounting
Dimensions (lwh)
+75°C
RTI, RTIII
Solder/plug-in and PCB
Socket, panel mount and PCB
29.6x18.7x30.2mm
+70°C
RTII
THT, plug-in, Quick connect
Socket, PCB
28x22.5x29/30/36mm
+70°C
RTII
Quick connect, solder, PCB
Socket and bracket mount
28x22.5x29/34.9mm
Accessories
Solder/PCB sockets, clips,
hold down strap, mounting strip
DIN rail and PCB sockets, clips,
marking tags, modules, jumper bars
Screw, solder and PCB sockets
and clips
Link to datasheet
Potter & Brumfield R10
Potter & Brumfield KHA
SCHRACK PT
Potter & Brumfield K10
Key Features
Footprint
2) see footnote below
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com