Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 32 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 32 Page - TE Connectivity Ltd

Back Button PCN/PCNH Datasheet HTML 28Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 29Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 30Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 31Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 32Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 33Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 34Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 35Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 36Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
Solid State Relays
Relays, Contactors & Circuit Breakers
0.4
(10.16)
.10
(2.54)
1.2
(30.5)
1.4
(35.6)
1.6
(40.6)
0.7
(17.8)
0.3
(7.62)
0.4
(10.16)
.10
(2.54)
1.2
(30.5)
1.4
(35.6)
1.6
(40.6)
0.7
(17.8)
0.3
(7.62)
0.4
(10.16)
.10
(2.54)
1.2
(30.5)
1.4
(35.6)
1.6
(40.6)
0.7
(17.8)
0.3
(7.62)
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Potter & Brumfield
OACM
Slim Solid State AC Output Module
Color coded by function - black
4000Vrms optical isolation
Compatible with 2IO series
mounting boards
1 Form A (SPST-NO)
Potter & Brumfield
IDCM
Slim Solid State DC Input Module
Color coded by function - white
4000Vrms optical isolation
Compatible with 2IO series
mounting boards
1 Form A (SPST-NO)
Potter & Brumfield
ODCM
Slim Solid State AC Output
Module
Color coded by function - red
4000Vrms optical isolation
Compatible with 2IO series
mounting boards
1 Form A (SPST-NO)
Key Features
Footprint
2) see footnote below
Typical Applications
Industrial machinery
HVAC
Building controls
Industrial machinery
HVAC
Building controls
Industrial machinery
HVAC
Building controls
Output Data
Load Voltage
Repetitive Blocking Voltage
Load Current Range
Leakage Current (Off-State)
On-State Voltage Drop (Max.)
Load Power Factor Rating
Thermal Resistance, Junction
to Case (R0J-C) (Max.)
24 - 280VAC
600VAC
3A/5A
5mA
1.6VAC
-
-
30VDC
-
50mA
10uA
0.2VDC
-
-
60VDC
-
3A
0.5mA
1.5VDC
-
-
Input Data (AC/DC)
Control Voltage Range VIN
Must Operate Voltage
VIN(OP) (Min.)
Must release Voltage
VIN(REL) (Min.)
Input Current
3 - 8VDC / 3 - 15VDC
3VDC
1VDC
8mA
3 - 32VDC/10 - 60VDC
3VDC/10VDC
1VDC/1VDC
10mA
5VDC/15VDC/24VDC
3VDC/9VDC/18VDC
1VDC
20mA
Dielectric Strength
Isolation:
4000Vrms
4000Vrms
4000Vrms
Other Data
Dimensions
Operating Temperature
Mounting
UL File No
43.5x10.3x25.5mm
–30 to 100°C
PCB
E29244
43.5x10.3x25.5mm
–30 to 100°C
PCB
E29244
43.5x10.3x25.5mm
–30 to 100°C
PCB
E29244
Link to datasheet
Potter & Brumfield OACM
Potter & Brumfield IDCM
Potter & Brumfield ODCM
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com