Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 37 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 37 Page - TE Connectivity Ltd

Back Button PCN/PCNH Datasheet HTML 30Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 31Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 32Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 33Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 34Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 35Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 36Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 37Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 38Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
Visit
TE.com for more information
Visit
TE.com for more information
PAGE 37
Transformers
Relays, Contactors & Circuit Breakers
Key Features
Applications
HVAC
Industrial
Motor control
Industrial controls, garage door openers
small power supplies, control boards
lighting/monitoring controls, vending
machines
Specifications
Primary Voltage- AC
Secondary Voltage- DC
Insulation Class
Wire Size
QC size
Terminations
Frequency
Mounting Options
120, 208, 240, 230, 277, 460, 480, 575
24
UL Class B (130°C)
Standard 18 AWG stranded, 12in
Standard .250in x .032in
Type BB same side
Type AB opposite side
50/60 Hz
Type K foot mount
Single 115VAC, 6-pin
Dual 115/230VAC, 8-pin
Series 10-120VCT
Parallel 6-60VAC
UL Class B (130°C)
N/A
N/A
PCB through hole design
50/60 Hz
PCB through hole design
Other Data
Secondary Fusing Requirement
Shielding
Dielectric Strength
Electrostatic shielding not required due to
split bobbin
1500Vrms
Link to datasheet
4700 SERIES
GENERAL PURPOSE POWER TRANSFORMERS
4900 SERIES
PRINTED CIRCUIT MOUNT
POWER TRANSFORMERS
4700 SERIES GENERAL PURPOSE
POWER TRANSFORMERS
60VA to 150VA
UL 5085-1,-2 formerly UL 50
Non-fused
Wire leads or quick connects
Custom specification/design available
4900 SERIES PRINTED CIRCUIT
MOUNT POWER TRANSFORMERS
1.1VA to 36VA
UL 5085-1,-2 formerly UL 506
Drop in replacement
Split bobbin design
Signal or dual primary voltage
Custom specification/design available
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com