Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 29 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 29 Page - TE Connectivity Ltd

Back Button PCN/PCNH Datasheet HTML 25Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 26Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 27Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 28Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 29Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 30Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 31Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 32Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 33Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
PAGE 29
Solid State Relays
Relays, Contactors & Circuit Breakers
PCB mount not applicable.
Visit
TE.com for more information
PCB mount not applicable.
Visit
TE.com for more information
PCB mount not applicable.
Visit
TE.com for more information
Potter & Brumfield SSRDC
Standard “hockey puck” package
200VDC FET output
12A, 25A and 40A load current options
1500VDC optical isolation
Cover design with anti-rotation
barriers
1 Form A (SPST-NO)
Potter & Brumfield SSRK
10-30A DIN mount Solid State Relay
with integrated heat sink
Narrow 22.5mm design
Inverse parallel SCR output
240VAC & 600VAC output types
4,000Vrms optical isolation
1 Form A (SPST-NO)
Potter & Brumfield SSRM
45A-65A DIN mount Solid State Relay
with integrated heat sink
44.5mm design
Inverse parallel SCR output
600VAC output type
4,000Vrms optical isolation
1 Form A (SPST-NO)
Key Features
Typical Applications
Material handling
Trains
Construction equipment
Industrial machinery
HVAC
Building controls
Industrial machinery
HVAC
Building controls
Output Data
Load Voltage
Repetitive Blocking Voltage
Load Current Range
Leakage Current (Off-State)
On-State Voltage Drop (Max.)
Load Power Factor Rating
Thermal Resistance, Junction
to Case (R0J-C) (Max.)
200VDC
NA
10 A/25 A/40 A
12mA
2.83VDC
NA
0.7/0.7/0.5
24 - 280VAC/48 - 660VAC
600VAC/1200VAC
10A/20A/30A
5mA
1.8V/1.6V
0.5 - 1.0
-
48 - 660VAC
1200VAC
45A/55A/65A
1mA
1.7V
0.5 - 1.0
-
Input Data (AC/DC)
Control Voltage Range VIN
Must Operate Voltage
VIN(OP) (Min.)
Must release Voltage
VIN(REL) (Min.)
Input Current
3 - 32VDC
3.5VDC
1VDC
30mA
90 - 280VAC/3 - 32VDC
90VAC/3VDC
10VAC/1VDC
7.5mA - 16mA/18 - 30mA
90 - 140VAC/4 - 32VDC
90VAC/3VDC
10VAC/1VDC
15mA/14 - 30mA
Dielectric Strength
Isolation:
1500VDC
4000Vrms
4000Vrms
Other Data
Dimensions
Operating Temperature
Mounting
UL File No
45x57.8x43.4mm
–30 to +80°C
Panel
E29244
22.5x82.3x111.5mm
–30 to + 80°C
Din Rail
E29244
22.5x76.2x109.2mm
–40 to + 80°C
Din Rail
E29244
Link to datasheet
Potter & Brumfield SSRDC
Potter & Brumfield SSRK
Potter & Brumfield SSRM
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com