Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 24 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 24 Page - TE Connectivity Ltd

Back Button PCN/PCNH Datasheet HTML 20Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 21Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 22Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 23Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 24Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 25Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 26Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 27Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 28Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 38 page
background image
Signal Relays
Relays, Contactors & Circuit Breakers
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Axicom FP2
Slim line 14x9mm
2 form C bifurcated contacts
High mechanical shock resistance, up to
1500g survival
Axicom D2N V23105
2G telecom/signal relay
4 coil sensitivities
3A UL rating
Key Features
Footprint
2) see footnote below
Applications
Communication equipment
Keyless entry
Speaker switch, consumer electronics
Communication equipment
Office equipment
Measurement and control equipment
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Min. recommended contact load
Initial contact resistance
1 form C (CO)
220VDC/250VAC
2A
60W/62.5VA
100µV
<50mΩ at 10mA
2 form C, 2 CO
Single Contacts
250VAC/220VDC
3A
60W/125VA
100µV/10µA
<100mΩ
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC coil/bistable 1 coil/2 coils
Polarized
2 to 24VDC
80mW (high sensitive), 140mW
Non polarized
3 to 48VDC
150 to 700mW/-/-
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Initial surge withstand voltage
between open contacts
between contact and coil
between adjacent contacts
Isolation/Cross talk at 100MHz/900MHz
Insertion loss 100/900MHz
Volt. standing wave ratio 100/900MHz
Capacitance
between open contacts
750Vrms
1000Vrms
1000Vrms
1100V
1500V
1500V
Cross talk -40.2/-22.3dB
0.03dB/0.25dB
1.01/1.07
750Vrms
1000Vrms
750Vrms
1500V
1500V
1500V
Isolation -39.0/-20.7dB
-0.02/-0.27dB
1.04/1.40
max. 2pF
Other Data
Ambient temperature (max.)
Category of environmental protection
Terminal type
Dimension (lwh)
-40 to +85°C
IP67/RTIII
THT
14x9x5mm
-25 to +85°C
IP67/RTIII
THT
20.2x10x11.4mm
Link to datasheet
Axicom FP2
Axicom D2N V23105
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com