Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 36 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 36 Page - TE Connectivity Ltd

Back Button PCN/PCNH Datasheet HTML 30Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 31Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 32Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 33Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 34Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 35Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 36Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 37Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 38Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
Visit
TE.com for more information
Visit
TE.com for more information
Transformers
Relays, Contactors & Circuit Breakers
INDUSTRIAL /// QUICK REFERENCE GUIDE INDUSTRIAL RELAYS
Key Features
Typical Applications
HVAC
Industrial and residential
Motor control
HVAC
Industrial and residential
Motor control
Specifications
Primary Voltage- AC
Secondary Voltage- DC
Insulation Class
Wire Size
QC size
Terminations
Frequency
Mounting Options
120, 208, 240, 277, 380, 415, 480, 575
12 or 24
UL Class B (130°C)
Standard 18 AWG stranded, 12in
N/A
Same side - opposite side
50/60 Hz
Type K Foot Mount
Type G Panel Mount
Plate Mount
120, 208, 240, 277, 380, 415, 480, 575
12 or 24
UL Class B (130°C)
N/A
standard .250in x .032in
Type BB Same side
Type AB Opposite side
Type AE Laydown
50/60 Hz
Type K Foot Mount
Type G Panel Mount
Plate Mount
Other Data
Secondary Fusing Requirement
Shielding
Dielectric Strength
60VA-75VA non-inherently energy limited
Internal fuse or integral circuit breaker
75VA standard models come with integral
circuit breaker
Internal fuse or integral circuit breaker
75VA standard models come with integral
circuit breaker
Link to datasheet
4000 SERIES
WIRE LEAD CLASS II
CONTROL TRANSFORMERS
4000 SERIES
QUICK CONNECT CLASS II
CONTROL TRANSFORMERS
4000 SERIES WIRE
LEAD CLASS II CONTROL
TRANSFORMERS
5VA to 75VA
UL 5085-3, formerly UL 1585
Inherently/non-inherently energy limited
Wire lead terminations
Custom specification/design available
4000 SERIES QUICK
CONNECT CLASS II CONTROL
TRANSFORMERS
5VA to 75VA
UL 5085-3, formerly UL 1585
Inherently/non-inherently energy limited
Quick connect terminals
Custom specification/design available
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com