Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCN/PCNH Datasheet(PDF) 23 Page - TE Connectivity Ltd

Part # PCN/PCNH
Description  RELAYS, CONTACTORS & CIRCUIT BREAKERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

PCN/PCNH Datasheet(HTML) 23 Page - TE Connectivity Ltd

Back Button PCN/PCNH Datasheet HTML 19Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 20Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 21Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 22Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 23Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 24Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 25Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 26Page - TE Connectivity Ltd PCN/PCNH Datasheet HTML 27Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
PAGE 23
Signal Relays
Relays, Contactors & Circuit Breakers
Axicom IMD/IME
4G telecom/signal relay/switching relay
Slim line 10x6mm, low-profile 5.65mm
Switching power 60W/62.5VA
Switching voltage 220VDC/250VAC
Monostable
Bifurcated contacts
Axicom P2 / P2 HIGH
DIELECTRIC VERSION
Small Signal relay
Slim line 15x7.5mm
Switching current max. 5A
High dielectric version
Meets Telcordia Technologies Inc.
requirements
Axicom P2 LIGHTING
Small signal relay
Slim line 15x7.5mm
Switching current max. 5A
High dielectric strength 3kV
VDE certified for LED tubes
Key Features
Footprint
2) see footnote below
Applications
Telecommunication, access and
transmission equipment, fire and
security equipment
Thermostat controls
Measurement and test equipment,
Industrial controls, medical equipment
Security systems, consumer
electronics, thermostats
Home automation systems,
communication systems
Set top boxes, office equipment
LED tubes
Office equipment
Security systems, set top boxes
Contact Data
Contact arrangement
Rated voltage
Rated current
Switching power / Max. break
Min. recommended contact load
Initial contact resistance
2 form B, 2 NC
2 form A, 2 NO
Bifurcated contacts
250VAC/220VDC
2A
60W/62.5VA
100µV/1µA
<50mΩ at 10mA/20mV
2 form C, 2 CO
Bifurcated contacts
250VAC/220VDC
2A
60W/62.5VA
100µV/1µA
<50mΩ at 10mA/20mV
2 form C, 2 CO
Bifurcated contacts
250VAC/220VDC
2A
60W/62.5VA
100µV/1µA
<50mΩ at 10mA/20mV
Coil Data
Magnetic system
Rated coil voltage
Rated coil power
DC coil / bistable 1 coil/2 coils
Polarized
1.5 to 24VDC
140mW/-/-
Polarized
2.4 to 24VDC
140mW/70mW/140mW
Polarized
3 to 12VDC
140mW - 1 coil version
Dielectric Strength
Initial dielectric strength
between open contacts
between contact and coil
between adjacent contacts
Initial surge withstand voltage
between open contacts
between contact and coil
between adjacent contacts
Isolation 100/900MHz
Insertion loss 100/900MHz
Volt. standing wave ratio
100/900MHz
Capacitance
between open contacts
1000Vrms
1800Vrms
1000Vrms
1500V
2500V
1500V
37.0/18.8dB
0.03/0.33dB
1.6/1.49
max. 1pF
1000 to 1500Vrms
1500Vrms
1000 to 1500Vrms
2000 to 2500Vrms
2500V
2500V
1500Vrms
3000Vrms
1500Vrms
6000Vrms
Other Data
Ambient temperature (max.)
Category of environmental
protection
Terminal type
Dimension (lwh)
-40 to +85°C
IP67/RTV
THT, SMT
10x6x5.65mm
-40 to +85°C
RTIII
THT, SMT
14.5x7.2x10.4mm, stnd
14.5x7.2x9.9mm, ovrmld
-40 to +85°C
RTIII
THT, SMT
14.5x7.2x9.9mm, ovrmld
Link to datasheet
Axicom IMD/IME
Axicom P2 / P2 HIGH
DIELECTRIC VERSION
Axicom P2 LIGHTING
1) Recommended minimum load indication for contact material: AU and gold plated: 1mA at 6VDC; AgNi0.15 and AgNi90/10:
10mA at 12VDC: AgCdO and AgSnO
2: 100mA at 12VDC. Please contact technical support for detailed technical data.
2) Footprint images are representative. For a complete selection, refer to the TE
data sheet via the link above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com