Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 36 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 36 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 32Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 33Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 34Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 35Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 36Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 37Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 38Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 39Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 40Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 35 of 148
S25FL128S/S25FL256S
5.5
DDR AC Characteristics
Notes:
1. Regulated VCC range (3.0 - 3.6V) and CL =15 pF.
2. Maximum value only applies during Program/Erase Suspend/Resume commands.
5.5.1
DDR Input Timing
Figure 35. SPI DDR Input Timing
Table 14. AC Characteristics — DDR Operation
Symbol
Parameter
66 MHz
80 MHz
Unit
Min
Typ
Max
Min
Typ
Max
FSCK, R
SCK Clock Frequency for DDR READ
instruction
DC
66
DC
80
MHz
PSCK, R
SCK Clock Period for DDR READ
instruction
15
12.5
ns
tWH, tCH Clock High Time
45% PSCK
45% PSCK
ns
tWL, tCL Clock Low Time
45% PSCK
45% PSCK
ns
tCS
CS# High Time (Read Instructions)
10
10
ns
tCSS
CS# Active Setup Time (relative to SCK)
3
3
ns
tCSH
CS# Active Hold Time (relative to SCK)
3
3
ns
tSU
IO in Setup Time
2
3000 (2)
1.5
3000 (2)
ns
tHD
IO in Hold Time
2
1.5
ns
tV
Clock Low to Output Valid
6.5 (1)
6.5 (1)
ns
tHO
Output Hold Time
1.5
1.5
ns
tDIS
Output Disable Time
8
8
ns
tLZ
Clock to Output Low Impedance
0
8
0
8
ns
tO_SKEW First Output to last Output data valid time
600
600
ps
CS#
SCK
SI_or_IO
SO
MSB IN
LSB IN
tCSS
tCSS
tCSH
tCSH
tCS
tSU
tSU
tHD
tHD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com