Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 86 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 86 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 82Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 83Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 84Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 85Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 86Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 87Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 88Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 89Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 90Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 85 of 148
S25FL128S/S25FL256S
9.4.1
Read (Read 03h or 4READ 13h)
The instruction
03h (ExtAdd=0) is followed by a 3-byte address (A23-A0) or
03h (ExtAdd=1) is followed by a 4-byte address (A31-A0) or
13h is followed by a 4-byte address (A31-A0)
Then the memory contents, at the address given, are shifted out on SO. The maximum operating clock frequency for the READ
command is 50 MHz.
The address can start at any byte location of the memory array. The address is automatically incremented to the next higher address
in sequential order after each byte of data is shifted out. The entire memory can therefore be read out with one single read
instruction and address 000000h provided. When the highest address is reached, the address counter will wrap around and roll back
to 000000h, allowing the read sequence to be continued indefinitely.
Figure 9.6 Read Command Sequence (3-byte Address, 03h [ExtAdd=0])
Figure 9.7 Read Command Sequence (4-byte Address, 13h or 03h [ExtAdd=1])
1
3
2
10
9
8
7
6
5
4
0
31
30
29
28
Instruction
24-Bit
Address
23
21
22
1
3
2
0
1
3
2
0
7
6
5
4
36
35
34
33
32
39
38
37
SCK
SI
SO
High Impedance
MSB
DATA OUT 1
DATA OUT 2
7
MSB
CS#
1
3
2
10
9
8
7
6
5
4
0
39
38
37
36
Instruction
32-Bit
Address
31
29
30
1
3
2
0
1
3
2
0
7
6
5
4
44
43
42
41
40
47
46
45
SCK
SI
SO
High Impedance
MSB
DATA OUT 1
DATA OUT 2
7
MSB
CS
#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com