Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 40 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 40 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 36Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 37Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 38Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 39Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 40Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 41Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 42Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 43Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 39 of 148
S25FL128S/S25FL256S
6.2
WSON Package
6.2.1
WSON Connection Diagram
Figure 39. Leadless Package (WSON), Top View
Note:
RESET# and VIO are pulled to VCC internal to the memory device.
6.2.2
WSON Physical Diagram
WNG008 — WSON 8-Contact (6 x 8 mm) No-Lead Package
1
2
3
4
5
6
7
8
CS#
SO/IO1
HOLD#/IO3
SCK
SI/IO0
WSON
WP#/IO2
VCC
VSS
SHEET
OF
REV
SPEC NO.
THIS DRAWING CONTAINS INFORMATION WHICH IS THE PROPRIETARY PROPERTY OF CYPRESS
SEMICONDUCTOR CORPORATION. THIS DRAWING IS RECEIVED IN CONFIDENCE AND ITS CONTENTS
MAY NOT BE DISCLOSED WITHOUT WRITTEN CONSENT OF CYPRESS SEMICONDUCTOR CORPORATION.
CYPRESS
TITLE
SCALE :
Company Confidential
PACKAGE
CODE(S)
DRAWN BY
APPROVED BY
DATE
DATE
A MAXIMUM 0.15mm PULL BACK (L1) MAY BE PRESENT.
BILATERAL COPLANARITY ZONE APPLIES TO THE EXPOSED HEAT SINK
PIN #1 ID ON TOP WILL BE LOCATED WITHIN THE INDICATED ZONE.
MAXIMUM ALLOWABLE BURR IS 0.076mm IN ALL DIRECTIONS.
DIMENSION "b" APPLIES TO METALLIZED TERMINAL AND IS MEASURED
N IS THE TOTAL NUMBER OF TERMINALS.
ALL DIMENSIONS ARE IN MILLIMETERS.
DIMENSIONING AND TOLERANCING CONFORMS TO ASME Y14.5M-1994.
NOTES:
MAX. PACKAGE WARPAGE IS 0.05mm.
8
7.
6.
5
2.
4
3.
1.
9
10
THE OPTIONAL RADIUS ON THE OTHER END OF THE TERMINAL, THE
DIMENSION "b" SHOULD NOT BE MEASURED IN THAT RADIUS AREA.
ND REFERS TO THE NUMBER OF TERMINALS ON D SIDE.
8
4
1.27 BSC.
0.40
8.00 BSC
6.00 BSC
4.80
4.65
0.20 MIN.
0.75
0.02
0.50
A1
K
A
E2
D
E
D2
b
L
ND
N
e
0.00
4.55
0.70
4.70
0.35
0.45
4.75
0.05
0.80
4.90
0.45
0.55
A3
0.20 REF
DIMENSIONS
SYMBOL
MIN.
NOM.
MAX.
BETWEEN 0.15 AND 0.30mm FROM TERMINAL TIP. IF THE TERMINAL HAS
SLUG AS WELL AS THE TERMINALS.
KOTA
LKSU
17-FEB-17
17-FEB-17
**
12
TO FIT
WNG008
002-18827
PACKAGE OUTLINE, 8 LEAD DFN
6.0X8.0X0.8 MM WNG008 4.80X4.65 MM EPAD (SAWN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com