Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 37 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 33Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 34Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 35Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 36Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 37Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 38Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 39Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 40Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 36 of 148
S25FL128S/S25FL256S
5.5.2
DDR Output Timing
Figure 36. SPI DDR Output Timing
Figure 37. SPI DDR Data Valid Window
Notes:
1. tCLH is the shorter duration of tCL or tCH.
2. tO_SKEW is the maximum difference (delta) between the minimum and maximum tV (output valid) across all IO signals.
3. tOTT is the maximum Output Transition Time from one valid data value to the next valid data value on each IO.
4. tOTT is dependent on system level considerations including:
a. Memory device output impedance (drive strength).
b. System level parasitics on the IOs (primarily bus capacitance).
c. Host memory controller input vIH and vIL levels at which 0 to 1 and 1 to 0 transitions are recognized.
d. As an example, assuming that the above considerations result a memory output slew rate of 2V/ns and a 3V transition (from 1 to 0 or 0 to 1) is required by the host,
the tOTT would be:
tOTT = 3V/(2V/ns) = 1.5 ns
e. tOTT is not a specification tested by Cypress, it is system dependent and must be derived by the system designer based on the above considerations.
5. The minimum data valid window (tDV) can be calculated as follows:
a. As an example, assuming:
i. 80 MHz clock frequency = 12.5 ns clock period
ii. DDR operations are specified to have a duty cycle of 45% or higher
iii. tCLH = 0.45*PSCK = 0.45x12.5 ns = 5.625 ns
iv. tO_SKEW = 600 ps
v. tOTT = 1.5 ns
b. tDV = tCLH - tO_SKEW - tOTT
c. tDV = 5.625 ns - 600 ps - 1.5 ns = 3.525 ns
CS#
SCK
SI
SO_or_IO
MSB
LSB
tCS
tV
tV
tDIS
tLZ
tHO
IO0
IO1
IO2
IO_valid
IO3
tDV
Slow
D1
Slow
D2
Fast
D1
Fast
D2
tV
tO_SKEW
tV
SCK
D1
Valid
tOTT
tCH
tCL
tDV
D2
Valid
PSCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com