Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 88Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 89Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 90Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 91Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 92Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 93Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 94Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 95Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 91 of 148
S25FL128S/S25FL256S
Figure 63. Continuous Dual I/O Read Command Sequence (4-byte Address, BCh or BBh [ExtAdd=1], EHPLC=10b)
9.4.6
Quad I/O Read (QIOR EBh or 4QIOR ECh)
The instruction
EBh (ExtAdd=0) is followed by a 3-byte address (A23-A0) or
EBh (ExtAdd=1) is followed by a 4-byte address (A31-A0) or
ECh is followed by a 4-byte address (A31-A0)
The Quad I/O Read command improves throughput with four I/O signals — IO0-IO3. It is similar to the Quad Output Read command
but allows input of the address bits four bits per serial SCK clock. In some applications, the reduced instruction overhead might allow
for code execution (XIP) directly from S25FL128S and S25FL256S devices. The QUAD bit of the Configuration Register must be set
(CR Bit1=1) to enable the Quad capability of S25FL128S and S25FL256S devices.
The maximum operating clock frequency for Quad I/O Read is 104 MHz.
For the Quad I/O Read command, there is a latency required after the mode bits (described below) before data begins shifting out of
IO0-IO3. This latency period (i.e., dummy cycles) allows the device’s internal circuitry enough time to access data at the initial
address. During latency cycles, the data value on IO0-IO3 are “don’t care” and may be high impedance. The number of dummy
cycles is determined by the frequency of SCK and the latency code table (refer to Table 28 on page 51). There are different ordering
part numbers that select the latency code table used for this command, either the High Performance LC (HPLC) table or the
Enhanced High Performance LC (EHPLC) table. The number of dummy cycles is set by the LC bits in the Configuration Register
(CR1). However, both latency code tables use the same latency values for the Quad I/O Read command.
Following the latency period, the memory contents at the address given, is shifted out four bits at a time through IO0-IO3. Each
nibble (4 bits) is shifted out at the SCK frequency by the falling edge of the SCK signal.
The address can start at any byte location of the memory array. The address is automatically incremented to the next higher address
in sequential order after each byte of data is shifted out. The entire memory can therefore be read out with one single read
instruction and address 000000h provided. When the highest address is reached, the address counter will wrap around and roll back
to 000000h, allowing the read sequence to be continued indefinitely.
Address jumps can be done without the need for additional Quad I/O Read instructions. This is controlled through the setting of the
Mode bits (after the address sequence, as shown in Figure 9.18 on page 92 or Figure 9.20 on page 92). This added feature
removes the need for the instruction sequence and greatly improves code execution (XIP). The upper nibble (bits 7-4) of the Mode
bits control the length of the next Quad I/O instruction through the inclusion or exclusion of the first byte instruction code. The lower
nibble (bits 3-0) of the Mode bits are “don’t care” (“x”). If the Mode bits equal Axh, then the device remains in Quad I/O High
Performance Read Mode and the next address can be entered (after CS# is raised high and then asserted low) without requiring the
EBh or ECh instruction, as shown in Figure 9.19 on page 92 or Figure 9.21 on page 93; thus, eliminating eight cycles for the
command sequence. The following sequence will release the device from Quad I/O High Performance Read mode; after which, the
device can accept standard SPI commands:
During the Quad I/O Read Command Sequence, if the Mode bits are any value other than Axh, then the next time CS# is raised
high the device will be released from Quad I/O High Performance Read mode.
During any operation, if CS# toggles high to low to high for eight cycles (or less) and data input (IO0-IO3) are not set for a valid
instruction sequence, then the device will be released from Quad I/O High Performance Read mode. Note that the two mode bit
clock cycles and additional wait states (i.e., dummy cycles) allow the device’s internal circuitry latency time to access the initial
address after the last address cycle that is clocked into IO0-IO3.
0
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
Data N
32 Bit Address
Mode
Dummy
Data 1
Data 2
4 cycles
16 cycles
4 cycles
2 cycles
4 cycles
4 cycles
6
4
2
0
30
2
0
6
4
2
0
6
4
2
0
6
4
2
0
7
5
3
1
31
3
1
7
5
3
1
7
5
3
1
7
5
3
1
CS#
SCK
IO0
IO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com