Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 44 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 44 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 40Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 41Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 42Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 43Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 44Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 45Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 46Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 47Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 48Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 43 of 148
S25FL128S/S25FL256S
6.4.2
FAC024 24-Ball BGA Package Physical Diagram
FAC024 — 24-Ball BGA (6 x 8 mm) Package
6.4.3
Special Handling Instructions for FBGA Packages
Flash memory devices in BGA packages may be damaged if exposed to ultrasonic cleaning methods. The package and/or data
integrity may be compromised if the package body is exposed to temperatures above 150°C for prolonged periods of time.
SHEET
OF
REV
SPEC NO.
THIS DRAWING CONTAINS INFORMATION WHICH IS THE PROPRIETARY PROPERTY OF CYPRESS
SEMICONDUCTOR CORPORATION. THIS DRAWING IS RECEIVED IN CONFIDENCE AND ITS CONTENTS
MAY NOT BE DISCLOSED WITHOUT WRITTEN CONSENT OF CYPRESS SEMICONDUCTOR CORPORATION.
CYPRESS
TITLE
SCALE :
Company Confidential
PACKAGE
CODE(S)
DRAWN BY
APPROVED BY
DATE
DATE
METALLIZED MARK INDENTATION OR OTHER MEANS.
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK MARK,
N IS THE NUMBER OF POPULATED SOLDER BALL POSITIONS FOR MATRIX SIZE MD X ME.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE OUTER ROW, "SD" = eD/2 AND
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE OUTER ROW, "SD" OR "SE" = 0.
POSITION OF THE CENTER SOLDER BALL IN THE OUTER ROW.
"SD" AND "SE" ARE MEASURED WITH RESPECT TO DATUMS A AND B AND DEFINE THE
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE "E" DIRECTION.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D" DIRECTION.
e
REPRESENTS THE SOLDER BALL GRID PITCH.
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL DIAMETER IN A PLANE
BALL POSITION DESIGNATION PER JEP95, SECTION 3, SPP-020.
DIMENSIONING AND TOLERANCING METHODS PER ASME Y14.5M-1994.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED BALLS.
8.
9.
7
ALL DIMENSIONS ARE IN MILLIMETERS.
PARALLEL TO DATUM C.
5.
6
4.
3.
2.
1.
NOTES:
SD
b
eD
eE
ME
N
0.35
0.50 BSC
1.00 BSC
1.00 BSC
0.40
24
4
0.45
D1
MD
E1
E
D
A
A1
0.25
-
5.00 BSC
3.00 BSC
6
6.00 BSC
8.00 BSC
-
-
1.20
-
SE
0.50 BSC
DIMENSIONS
SYMBOL
MIN.
NOM.
MAX.
"SE" = eE/2.
FAC024
KOTA
BESY
18-JUL-16
18-JUL-16
**
002-15535
PACKAGE OUTLINE, 24 BALL FBGA
12
TO FIT
8.0X6.0X1.2 MM FAC024



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com