Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 91Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 92Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 93Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 94Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 95Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 96Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 97Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 98Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 99Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 94 of 148
S25FL128S/S25FL256S
When the EHPLC table is used, address jumps can be done without the need for additional DDR Fast Read instructions. This is
controlled through the setting of the Mode bits (after the address sequence, as shown in Figure 9.22 on page 94 and Figure 9.24
on page 95. This added feature removes the need for the eight bit SDR instruction sequence to reduce initial access time (improves
XIP performance). The Mode bits control the length of the next DDR Fast Read operation through the inclusion or exclusion of the
first byte instruction code. If the upper nibble (IO[7:4]) and lower nibble (IO[3:0]) of the Mode bits are complementary (i.e. 5h and Ah)
then the next address can be entered (after CS# is raised high and then asserted low) without requiring the 0Dh or 0Eh instruction,
as shown in Figure 9.23 and Figure 9.25, thus, eliminating eight cycles from the command sequence. The following sequences will
release the device from this continuous DDR Fast Read mode; after which, the device can accept standard SPI commands:
1. During the DDR Fast Read Command Sequence, if the Mode bits are not complementary the next time CS# is raised high
the device will be released from the continuous DDR Fast Read mode.
2. During any operation, if CS# toggles high to low to high for eight cycles (or less) and data input (SI) are not set for a valid
instruction sequence, then the device will be released from DDR Fast Read mode.
CS# should not be driven high during mode or dummy bits as this may make the mode bits indeterminate.
The HOLD function is not valid during any part of a Fast DDR Command.
Although the data learning pattern (DLP) is programmable, the following example shows example of the DLP of 34h. The DLP 34h
(or 00110100) will be driven on each of the active outputs (i.e. all four IOs on a x4 device, both IOs on a x2 device and the single SO
output on a x1 device). This pattern was chosen to cover both DC and AC data transition scenarios. The two DC transition scenarios
include data low for a long period of time (two half clocks) followed by a high going transition (001) and the complementary low going
transition (110). The two AC transition scenarios include data low for a short period of time (one half clock) followed by a high going
transition (101) and the complementary low going transition (010). The DC transitions will typically occur with a starting point closer
to the supply rail than the AC transitions that may not have fully settled to their steady state (DC) levels. In many cases the DC
transitions will bound the beginning of the data valid period and the AC transitions will bound the ending of the data valid period.
These transitions will allow the host controller to identify the beginning and ending of the valid data eye. Once the data eye has been
characterized the optimal data capture point can be chosen. See Section 7.5.12 SPI DDR Data Learning Registers on page 56 for
more details.
Figure 9.22 DDR Fast Read Initial Access (3-byte Address, 0Dh [ExtAdd=0, EHPLC=11b])
Figure 9.23 Continuous DDR Fast Read Subsequent Access (3-byte Address [ExtAdd=0, EHPLC=11b])
0
1
2
3
4
5
6
7
8
19
20
21
22
23
24
25
26
27
28
29
Instruction
24 Bit Address
Mode
Dummy
per data
8 cycles
12 cycles
4 cycles
1 cyc
4 cycles
7
6
5
4
3
2
1
0
2
2
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
CS#
SCK
IO0
IO1
0
11
12
13
14
15
16
17
18
19
20
21
24 Bit Address
Mode
Dummy
per data
12 cycles
4 cycles
1 cyc
4 cycles
23
22
1
0
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
7
6
CS#
SCK
IO0
IO1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com