Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 97 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 97 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 93Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 94Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 95Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 96Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 97Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 98Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 99Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 100Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 101Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 96 of 148
S25FL128S/S25FL256S
9.4.8
DDR Dual I/O Read (BDh, BEh)
The instruction
BDh (ExtAdd=0) is followed by a 3-byte address (A23-A0) or
BDh (ExtAdd=1) is followed by a 4-byte address (A31-A0) or
BEh is followed by a 4-byte address (A31-A0)
Then the memory contents, at the address given, is shifted out, in a DDR fashion, two bits at a time on each clock edge through IO0
(SI) and IO1 (SO). Two bits are shifted out at the SCK frequency by the rising and falling edge of the SCK signal.
The DDR Dual I/O Read command improves throughput with two I/O signals — IO0 (SI) and IO1 (SO). It is similar to the Dual I/O
Read command but transfers two address, mode, or data bits on every edge of the clock. In some applications, the reduced
instruction overhead might allow for code execution (XIP) directly from S25FL128S and S25FL256S devices.
The maximum operating clock frequency for DDR Dual I/O Read command is 80 MHz.
For DDR Dual I/O Read commands, there is a latency required after the last address bits are shifted into IO0 and IO1, before data
begins shifting out of IO0 and IO1. There are different ordering part numbers that select the latency code table used for this
command, either the High Performance LC (HPLC) table or the Enhanced High Performance LC (EHPLC) table. The number of
latency (dummy) clocks is determined by the frequency of SCK (refer to Table 27 on page 51 or Table 29 on page 51). The number
of dummy cycles is set by the LC bits in the Configuration Register (CR1).
The HPLC table does not provide cycles for mode bits so each Dual I/O command starts with the 8 bit instruction, followed by
address, followed by a latency period. This latency period allows the device’s internal circuitry enough time to access the initial
address. During these latency cycles, the data value on SI (IO0) and SO (IO1) are “don’t care” and may be high impedance. When
the Data Learning Pattern (DLP) is enabled the host system must not drive the IO signals during the dummy cycles. The IO signals
must be left high impedance by the host so that the memory device can drive the DLP during the dummy cycles.
The EHPLC table does provide cycles for mode bits so a series of Dual I/O DDR commands may eliminate the 8 bit instruction after
the first command sends a complementary mode bit pattern, as shown in Figure 9.27 and Figure 9.29 on page 97. This added
feature removes the need for the eight bit SDR instruction sequence and dramatically reduces initial access times (improves XIP
performance). The Mode bits control the length of the next DDR Dual I/O Read operation through the inclusion or exclusion of the
first byte instruction code. If the upper nibble (IO[7:4]) and lower nibble (IO[3:0]) of the Mode bits are complementary (i.e. 5h and Ah)
the device transitions to Continuous DDR Dual I/O Read Mode and the next address can be entered (after CS# is raised high and
then asserted low) without requiring the BDh or BEh instruction, as shown in Figure 9.28 on page 97, and thus, eliminating eight
cycles from the command sequence. The following sequences will release the device from Continuous DDR Dual I/O Read mode;
after which, the device can accept standard SPI commands:
1. During the DDR Dual I/O Read Command Sequence, if the Mode bits are not complementary the next time CS# is raised
high and then asserted low the device will be released from DDR Dual I/O Read mode.
2. During any operation, if CS# toggles high to low to high for eight cycles (or less) and data input (IO0 and IO1) are not set
for a valid instruction sequence, then the device will be released from DDR Dual I/O Read mode.
The address can start at any byte location of the memory array. The address is automatically incremented to the next higher address
in sequential order after each byte of data is shifted out. The entire memory can therefore be read out with one single read
instruction and address 000000h provided. When the highest address is reached, the address counter will wrap around and roll back
to 000000h, allowing the read sequence to be continued indefinitely.
CS# should not be driven high during mode or dummy bits as this may make the mode bits indeterminate. The HOLD function is not
valid during Dual I/O DDR commands.
Note that the memory devices may drive the IOs with a preamble prior to the first data value. The preamble is a data learning pattern
(DLP) that is used by the host controller to optimize data capture at higher frequencies. The preamble DLP drives the IO bus for the
four clock cycles immediately before data is output. The host must be sure to stop driving the IO bus prior to the time that the
memory starts outputting the preamble.
The preamble is intended to give the host controller an indication about the round trip time from when the host drives a clock edge to
when the corresponding data value returns from the memory device. The host controller will skew the data capture point during the
preamble period to optimize timing margins and then use the same skew time to capture the data during the rest of the read
operation. The optimized capture point will be determined during the preamble period of every read operation. This optimization
strategy is intended to compensate for both the PVT (process, voltage, temperature) of both the memory device and the host
controller as well as any system level delays caused by flight time on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com