Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 101 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 101 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 97Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 98Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 99Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 100Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 101Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 102Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 103Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 104Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 105Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 100 of 148
S25FL128S/S25FL256S
Figure 9.33 Continuous DDR Quad I/O Read Subsequent Access (4-byte Address, EHPLC=01b)
Note:
1. Example DLP of 34h (or 00110100).
9.5
Program Flash Array Commands
9.5.1
Program Granularity
9.5.1.1 Automatic ECC
Each 16 byte aligned and 16 byte length Programming Block has an automatic Error Correction Code (ECC) value. The data block
plus ECC form an ECC unit. In combination with Error Detection and Correction (EDC) logic the ECC is used to detect and correct
any single bit error found during a read access. When data is first programmed within an ECC unit the ECC value is set for the entire
ECC unit. If the same ECC unit is programmed more than once the ECC value is changed to disable the Error Detection and
Correction (EDC) function. A sector erase is needed to again enable Automatic ECC on that Programming Block. The 16 byte
Program Block is the smallest program granularity on which Automatic ECC is enabled.
These are automatic operations transparent to the user. The transparency of the Automatic ECC feature enhances data accuracy
for typical programming operations which write data once to each ECC unit but, facilitates software compatibility to previous
generations of FL-S family of products by allowing for single byte programming and bit walking in which the same ECC unit is
programmed more than once. When an ECC unit has Automatic ECC disabled, EDC is not done on data read from the ECC unit
location.
An ECC status register is provided for determining if ECC is enabled on an ECC unit and whether any errors have been detected
and corrected in the ECC unit data or the ECC (See Section 7.5.6 ECC Status Register (ECCSR) on page 54.) The ECC Status
Register Read (ECCRD) command is used to read the ECC status on any ECC unit.
EDC is applied to all parts of the Flash address spaces other than registers. An ECC is calculated for each group of bytes protected
and the ECC is stored in a hidden area related to the group of bytes. The group of protected bytes and the related ECC are together
called an ECC unit.
ECC is calculated for each 16 byte aligned and length ECC unit.
Single Bit EDC is supported with 8 ECC bits per ECC unit, plus 1 bit for an ECC disable Flag.
Sector erase resets all ECC bits and ECC disable flags in a sector to the default state (enabled).
ECC is programmed as part of the standard Program commands operation.
ECC is disabled automatically if multiple programming operations are done on the same ECC unit.
Single byte programming or bit walking is allowed but disables ECC on the second program to the same 16-byte ECC unit.
The ECC disable flag is programmed when ECC is disabled.
To re-enable ECC for an ECC unit that has been disabled, the Sector that includes the ECC unit must be erased.
To ensure the best data integrity provided by EDC, each ECC unit should be programmed only once so that ECC is stored for that
unit and not disabled.
The calculation, programming, and disabling of ECC is done automatically as part of a programming operation. The detection and
correction, if needed, is done automatically as part of read operations. The host system sees only corrected data from a read
operation.
ECC protects the OTP region - however a second program operation on the same ECC unit will disable ECC permanently on that
ECC unit (OTP is one time programmable, hence an erase operation to re-enable the ECC enable/indicator bit is prohibited).
0123
456
7
89
10
11
12
13
32 Bit Address
Mode
High-Z Bus Turn-around
Optional Data Learning Pattern
Data 0
Data 1
4 cycles
1 cycle
7 cycle Dummy
1 cycle per data
28
24
20
16
12
8
4
0
4
0
7
6
5
4
3
2
1
0
4
0
4
0
29
25
21
17
13
9
5
1
5
1
7
6
5
4
3
2
1
0
5
1
5
1
30
26
22
18
14
10
6
2
6
2
7
6
5
4
3
2
1
0
6
2
6
2
31
27
23
19
15
11
7
3
7
3
7
6
5
4
3
2
1
0
7
3
7
3
CS#
SCK
IO0
IO1
IO2
IO3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com