Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 56 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 56 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 52Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 53Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 54Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 55Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 56Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 57Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 58Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 59Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 60Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 55 of 148
S25FL128S/S25FL256S
7.5.7
ASP Register (ASPR)
Related Commands: ASP Read (ASPRD 2Bh) and ASP Program (ASPP 2Fh).
The ASP register is a 16-bit OTP memory location used to permanently configure the behavior of Advanced Sector Protection (ASP)
features.
Note:
1. Default value depends on ordering part number, see Initial Delivery State on page 140.
Reserved for Future Use (RFU) ASPR[15:3, 0]
.
Password Protection Mode Lock Bit (PWDMLB) ASPR[2]:
When programmed to 0, the Password Protection Mode is
permanently selected.
Persistent Protection Mode Lock Bit (PSTMLB) ASPR[1]:
When programmed to 0, the Persistent Protection Mode is
permanently selected. PWDMLB and PSTMLB are mutually exclusive, only one may be programmed to zero.
7.5.8
Password Register (PASS)
Related Commands: Password Read (PASSRD E7h) and Password Program (PASSP E8h).
Table 34. ASP Register (ASPR)
Bits
Field Name
Function
Type
Default
State
Description
15 to 9
RFU
Reserved
OTP
1
Reserved for Future Use
8
RFU
Reserved
OTP
(Note 1) Reserved for Future Use
7
RFU
Reserved
OTP
(Note 1) Reserved for Future Use
6
RFU
Reserved
OTP
1
Reserved for Future Use
5
RFU
Reserved
OTP
(Note 1) Reserved for Future Use
4
RFU
Reserved
OTP
(Note 1) Reserved for Future Use
3
RFU
Reserved
OTP
(Note 1) Reserved for Future Use
2
PWDMLB
Password Pro-
tection Mode
Lock Bit
OTP
1
0 = Password Protection Mode permanently enabled.
1 = Password Protection Mode not permanently enabled.
1
PSTMLB
Persistent Pro-
tection Mode
Lock Bit
OTP
1
0 = Persistent Protection Mode permanently enabled.
1 = Persistent Protection Mode not permanently enabled.
0
RFU
Reserved
OTP
1
Reserved for Future Use
Table 35. Password Register (PASS)
Bits
Field
Name
Function
Type
Default State
Description
63 to 0
PWD
Hidden Pass-
word
OTP
FFFFFFFF-
FFFFFFFFh
Non-volatile OTP storage of 64 bit password. The
password is no longer readable after the password
protection mode is selected by programming ASP register
bit 2 to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com