Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 54 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 54 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 50Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 51Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 52Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 53Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 54Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 55Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 56Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 57Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 58Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 53 of 148
S25FL128S/S25FL256S
7.5.3
Status Register 2 (SR2)
Related Commands: Read Status Register 2 (RDSR2 07h).
Erase Suspend (ES) SR2[1]
: The Erase Suspend bit is used to determine when the device is in Erase Suspend mode. This is a
status bit that cannot be written. When Erase Suspend bit is set to 1, the device is in erase suspend mode. When Erase Suspend bit
is cleared to 0, the device is not in erase suspend mode. Refer to Erase Suspend and Resume Commands (75h) (7Ah) for details
about the Erase Suspend/Resume commands.
Program Suspend (PS) SR2[0]:
The Program Suspend bit is used to determine when the device is in Program Suspend mode.
This is a status bit that cannot be written. When Program Suspend bit is set to 1, the device is in program suspend mode. When the
Program Suspend bit is cleared to 0, the device is not in program suspend mode. Refer to Section 9.5.4 Program Suspend (PGSP
85h) and Resume (PGRS 8Ah) on page 105 for details.
7.5.4
AutoBoot Register
Related Commands: AutoBoot Read (ABRD 14h) and AutoBoot Write (ABWR 15h).
The AutoBoot Register provides a means to automatically read boot code as part of the power-on reset, hardware reset, or software
reset process.
Table 30. Status Register 2 (SR2)
Bits
Field Name
Function
Type
Default State
Description
7
RFU
Reserved
0
Reserved for Future Use
6
RFU
Reserved
0
Reserved for Future Use
5
RFU
Reserved
0
Reserved for Future Use
4
RFU
Reserved
0
Reserved for Future Use
3
RFU
Reserved
0
Reserved for Future Use
2
RFU
Reserved
0
Reserved for Future Use
1
ES
Erase Suspend Volatile, Read only
0
1 = In erase suspend mode
0 = Not in erase suspend mode
0
PS
Program Sus-
pend
Volatile, Read only
0
1 = In program suspend mode
0 = Not in program suspend mode
Table 31. AutoBoot Register
Bits
Field Name
Function
Type
Default State
Description
31 to 9
ABSA
AutoBoot Start
Address
Non-Volatile
000000h
512 byte boundary address for the start of
boot code access
8 to 1
ABSD
AutoBoot Start
Delay
Non-Volatile
00h
Number of initial delay cycles between
CS# going low and the first bit of boot code
being transferred
0
ABE
AutoBoot Enable
Non-Volatile
0
1 = AutoBoot is enabled
0 = AutoBoot is not enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com