Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 52 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 52 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 48Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 49Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 50Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 51Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 52Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 53Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 54Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 55Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 56Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 51 of 148
S25FL128S/S25FL256S
Read DDR Data Learning Pattern (DLP) bits may be placed within the dummy cycles immediately before the start of read data, if
there are 5 or more dummy cycles. See Section 9.4 Read Memory Array Commands on page 84 for more information on the DLP.
Note:
1. When using DDR I/O commands with the Data Learning Pattern (DLP) enabled, a Latency Code that provides 5 or more dummy cycles should be selected to allow 1
cycle of additional time for the host to stop driving before the memory starts driving the 4 cycle DLP. It is recommended to use LC 10 for DDR Fast Read, LC 01 for
DDR Dual IO Read, and LC 00 for DDR Quad IO Read, if the Data Learning Pattern (DLP) for DDR is used.
Table 26. Latency Codes for SDR High Performance
Freq.
(MHz)
LC
Read
Fast Read
Read Dual Out
Read Quad Out
Dual I/O Read
Quad I/O Read
(03h, 13h)
(0Bh, 0Ch)
(3Bh, 3Ch)
(6Bh, 6Ch)
(BBh, BCh)
(EBh, ECh)
Mode
Dummy
Mode
Dummy
Mode
Dummy
Mode
Dummy
Mode
Dummy
Mode
Dummy
≤ 50
11
0000000004
21
≤ 80
00
-
-
08080804
24
≤ 90
01
-
-
08080805
24
≤104
10
-
-
08080806
25
≤133
10
-
-
0
8
------
--
Table 27. Latency Codes for DDR High Performance
Freq. (MHz)
LC
DDR Fast Read
DDR Dual I/O Read
Read DDR Quad I/O
(0Dh, 0Eh)
(BDh, BEh)
(EDh, EEh)
Mode
Dummy
Mode
Dummy
Mode
Dummy
≤ 50
11
04
041
3
≤ 66
00
05
061
6
≤ 66
01
06
071
7
≤ 66
10
07
081
8
Table 28. Latency Codes for SDR Enhanced High Performance
Freq.
(MHz)
LC
Read
Fast Read
Read Dual Out
Read Quad Out
Dual I/O Read
Quad I/O Read
(03h, 13h)
(0Bh, 0Ch)
(3Bh, 3Ch)
(6Bh, 6Ch)
(BBh, BCh)
(EBh, ECh)
Mode
Dummy
Mode
Dummy
Mode
Dummy
Mode
Dummy
Mode
Dummy
Mode
Dummy
≤ 50
11
0
00000
004021
≤ 80
00
-
-
0808
084024
≤ 90
01
-
-
0808
084124
≤104
10
-
-
0808
084225
≤133
10
-
-
0
8
-
-
------
Table 29. Latency Codes for DDR Enhanced High Performance
Freq. (MHz)
LC
DDR Fast Read
DDR Dual I/O Read
Read DDR Quad I/O
(0Dh, 0Eh)
(BDh, BEh)
(EDh, EEh)
Mode
Dummy
Mode
Dummy
Mode
Dummy
≤ 50
11
41
221
3
≤ 66
00
42
241
6
≤ 66
01
44
251
7
≤ 66
10
45
261
8
≤ 80
00
42
241
6
≤ 80
01
44
251
7
≤ 80
10
45
261
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com