Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 102 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 102 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 98Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 99Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 100Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 101Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 102Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 103Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 104Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 105Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 106Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 101 of 148
S25FL128S/S25FL256S
9.5.1.2 Page Programming
Page Programming is done by loading a Page Buffer with data to be programmed and issuing a programming command to move
data from the buffer to the memory array. This sets an upper limit on the amount of data that can be programmed with a single
programming command. Page Programming allows up to a page size (either 256 or 512 bytes) to be programmed in one operation.
The page size is determined by the Ordering Part Number (OPN). The page is aligned on the page size address boundary. It is
possible to program from one bit up to a page size in each Page programming operation. It is recommended that a multiple of 16
byte length and aligned Program Blocks be written. For the very best performance, programming should be done in full pages of 512
bytes aligned on 512-byte boundaries with each Page being programmed only once.
9.5.1.3 Single Byte Programming
Single Byte Programming allows full backward compatibility to the standard SPI Page Programming (PP) command by allowing a
single byte to be programmed anywhere in the memory array. While single byte programming is supported, this will disable
Automatic ECC on the 16 byte ECC unit where the byte is located
9.5.2
Page Program (PP 02h or 4PP 12h)
The Page Program (PP) commands allows bytes to be programmed in the memory (changing bits from 1 to 0). Before the Page
Program (PP) commands can be accepted by the device, a Write Enable (WREN) command must be issued and decoded by the
device. After the Write Enable (WREN) command has been decoded successfully, the device sets the Write Enable Latch (WEL) in
the Status Register to enable any write operations.
The instruction
02h (ExtAdd=0) is followed by a 3-byte address (A23-A0) or
02h (ExtAdd=1) is followed by a 4-byte address (A31-A0) or
12h is followed by a 4-byte address (A31-A0)
and at least one data byte on SI. Depending on the device OPN, the page size can either be 256 or 512 bytes. Up to a page can be
provided on SI after the 3-byte address with instruction 02h or 4-byte address with instruction 12h has been provided. If the 9 least
significant address bits (A8-A0) are not all zero, all transmitted data that goes beyond the end of the current page are programmed
from the start address of the same page (from the address whose 9 least significant bits (A8-A0) are all zero) i.e. the address wraps
within the page aligned address boundaries. This is a result of only requiring the user to enter one single page address to cover the
entire page boundary.
If less than a page of data is sent to the device, these data bytes will be programmed in sequence, starting at the provided address
within the page, without having any affect on the other bytes of the same page.
For optimized timings, using the Page Program (PP) command to load the entire page size program buffer within the page boundary
will save overall programming time versus loading less than a page size into the program buffer.
The programming process is managed by the flash memory device internal control logic. After a programming command is issued,
the programming operation status can be checked using the Read Status Register-1 command. The WIP bit (SR1[0]) will indicate
when the programming operation is completed. The P_ERR bit (SR1[6]) will indicate if an error occurs in the programming operation
that prevents successful completion of programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com