Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 119 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 119 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 115Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 116Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 117Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 118Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 119Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 120Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 121Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 122Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 123Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 118 of 148
S25FL128S/S25FL256S
Figure 9.41 Password Unlock Command Sequence
9.9
Reset Commands
9.9.1
Software Reset Command (RESET F0h)
The Software Reset command (RESET) restores the device to its initial power up state, except for the volatile FREEZE bit in the
Configuration register CR1[1] and the volatile PPB Lock bit in the PPB Lock Register. The Freeze bit and the PPB Lock bit will
remain set at their last value prior to the software reset. To clear the FREEZE bit and set the PPB Lock bit to its protection mode
selected power on state, a full power-on-reset sequence or hardware reset must be done. Note that the non-volatile bits in the
configuration register, TBPROT, TBPARM, and BPNV, retain their previous state after a Software Reset. The Block Protection bits
BP2, BP1, and BP0, in the status register will only be reset if they are configured as volatile via the BPNV bit in the Configuration
Register (CR1[3]) and FREEZE is cleared to zero . The software reset cannot be used to circumvent the FREEZE or PPB Lock bit
protection mechanisms for the other security configuration bits. The reset command is executed when CS# is brought to high state
and requires tRPH time to execute.
Figure 85. Software Reset Command Sequence
Instruction
Password
1
3
210
9
8
7
6
5
4
0
70
69
68
71
56
57
7
6
5
59
58
SCK
SI
SO
MSB
High Impedance
CS#
0
1
7
6
5
4
3
2
MSB
3
27
6
5
4
0
Instruction
SCK
SI
1
CS#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com