Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S25FL128SDPNFAQ Datasheet(PDF) 137 Page - Cypress Semiconductor

Part # S25FL128SDPNFAQ
Description  128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte) 128 Mbit (16 Mbyte)/256 Mbit (32 Mbyte)
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S25FL128SDPNFAQ Datasheet(HTML) 137 Page - Cypress Semiconductor

Back Button S25FL128SDPNFAQ Datasheet HTML 133Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 134Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 135Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 136Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 137Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 138Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 139Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 140Page - Cypress Semiconductor S25FL128SDPNFAQ Datasheet HTML 141Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 149 page
background image
Document Number: 001-98283 Rev. *M
Page 136 of 148
S25FL128S/S25FL256S
This parameter type (Parameter ID F0h) may appear multiple times and have a different length each time. The parameter is used to
reserve space in the ID-CFI map or to force space (pad) to align a following parameter to a required boundary.
0Dh
03h
Latency Code for this row (11b)
0Eh
04h
Read Fast DDR mode cycles
0Fh
01h
Read Fast DDR latency cycles
10h
02h
DDR Dual I/O Read mode cycles
11h
02h
DDR Dual I/O Read latency cycles
12h
01h
Read DDR Quad I/O mode cycles
13h
03h
Read DDR Quad I/O latency cycles
14h
42h
Start of row 3, SCK frequency limit for this row (66 MHz)
15h
00h
Latency Code for this row (00b)
16h
04h
Read Fast DDR mode cycles
17h
02h
Read Fast DDR latency cycles
18h
02h
DDR Dual I/O Read mode cycles
19h
04h
DDR Dual I/O Read latency cycles
1Ah
01h
Read DDR Quad I/O mode cycles
1Bh
06h
Read DDR Quad I/O latency cycles
1Ch
42h
Start of row 4, SCK frequency limit for this row (66 MHz)
1Dh
01h
Latency Code for this row (01b)
1Eh
04h
Read Fast DDR mode cycles
1Fh
04h
Read Fast DDR latency cycles
20h
02h
DDR Dual I/O Read mode cycles
21h
05h
DDR Dual I/O Read latency cycles
22h
01h
Read DDR Quad I/O mode cycles
23h
07h
Read DDR Quad I/O latency cycles
24h
42h
Start of row 5, SCK frequency limit for this row (66 MHz)
25h
02h
Latency Code for this row (10b)
26h
04h
Read Fast DDR mode cycles
27h
05h
Read Fast DDR latency cycles
28h
02h
DDR Dual I/O Read mode cycles
29h
06h
DDR Dual I/O Read latency cycles
2Ah
01h
Read DDR Quad I/O mode cycles
2Bh
08h
Read DDR Quad I/O latency cycles
Table 70. CFI Alternate Vendor-Specific Extended Query Parameter F0h RFU
Parameter Relative
Byte Address Offset
Data
Description
00h
F0h
Parameter ID (RFU)
01h
0Fh
Parameter Length (The number of following bytes in this parameter. Adding this value to the
current location value +1 = the first byte of the next parameter)
02h
FFh
RFU
...
FFh
RFU
10h
FFh
RFU
Table 69. CFI Alternate Vendor-Specific Extended Query Parameter 9Ah - EHPLC DDR (Continued)
Parameter Relative
Byte Address Offset
Data
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com