Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 205 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 205 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 201Page - Microchip Technology PIC16F753 Datasheet HTML 202Page - Microchip Technology PIC16F753 Datasheet HTML 203Page - Microchip Technology PIC16F753 Datasheet HTML 204Page - Microchip Technology PIC16F753 Datasheet HTML 205Page - Microchip Technology PIC16F753 Datasheet HTML 206Page - Microchip Technology PIC16F753 Datasheet HTML 207Page - Microchip Technology PIC16F753 Datasheet HTML 208Page - Microchip Technology PIC16F753 Datasheet HTML 209Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 205
PIC16F753/HV753
FIGURE 23-14:
IPD BASE, LOW-POWER SLEEP MODE, PIC16HV753 ONLY
FIGURE 23-15:
IPD BASE, LOW-POWER SLEEP MODE, PIC16F753 ONLY
250
Typical
Max.
100
150
200
250
Max: 85°C + 3
Typical: 25°C
0
50
100
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
0
1.6
2.0
2.4
2.8
3.2
3.6
4.0
4.4
4.8
VDD (V)
0.8
Max.
0.4
0.5
0.6
0.7
0.8
Max: 85°C + 3
Typical: 25°C
Typical
0.0
0.1
0.2
0.3
0.4
15
20
25
30
35
40
45
50
55
60
0.0
0.1
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com