Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 70 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 70 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 66Page - Microchip Technology PIC16F753 Datasheet HTML 67Page - Microchip Technology PIC16F753 Datasheet HTML 68Page - Microchip Technology PIC16F753 Datasheet HTML 69Page - Microchip Technology PIC16F753 Datasheet HTML 70Page - Microchip Technology PIC16F753 Datasheet HTML 71Page - Microchip Technology PIC16F753 Datasheet HTML 72Page - Microchip Technology PIC16F753 Datasheet HTML 73Page - Microchip Technology PIC16F753 Datasheet HTML 74Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 70
 2013-2015 Microchip Technology Inc.
9.0
HARDWARE LIMIT TIMER (HLT)
MODULE
The Hardware Limit Timer (HLT) module is a version of
the Timer2-type modules. In addition to all the Timer2-
type features, the HLT can be reset on rising and falling
events from selected peripheral outputs.
The HLT primary purpose is to act as a timed hardware
limit to be used in conjunction with asynchronous
analog feedback applications. The external Reset
source synchronizes the HLTMRx to an analog
application.
In normal operation, the external Reset source from the
analog application should occur before the HLTMRx
matches the HLTPRx. This resets HLTMRx for the next
period and prevents the HLTimerx Output from going
active.
When the external Reset source fails to generate a
signal within the expected time, (allowing the HLTMRx
to match the HLTPRx), then the HLTimerx Output
becomes active.
The HLT module incorporates the following features:
• 8-bit Read-Write Timer Register (HLTMRx)
• 8-bit Read-Write Period register (HLTPRx)
• Software programmable prescaler:
-1:1
-1:4
-1:16
-1:64
• Software programmable postscaler
- 1:1 to 1:16, inclusive
• Interrupt on HLTMRx match with HLTPRx
• Eight selectable timer Reset inputs (two reserved)
• Reset on rising and falling event
Refer to Figure 9-1 for a block diagram of the HLT.
FIGURE 9-1:
HLTMRx BLOCK DIAGRAM
Comparator
HLTPRx
1
0
Detect
Detect
HLTMRx
CCP1 out
C1OUT
C2OUT
COG1FLT
COG1OUT0
COG1OUT1
‘0’
‘0’
Fosc/4
HxON
HxRES
HxFES
HxFEREN
HxREREN
0
1
HLTMRxIF
HLT Output
To COG module
Prescaler
1:1, 1:4, 1:16, 1:64
Postscaler
1:1 to 1:16
Postscaler
1:1 to 1:16
HxOUTPS<3:0>
HxCKPS<1:0>
000
001
010
011
100
101
110
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com