Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 46 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 46 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 42Page - Microchip Technology PIC16F753 Datasheet HTML 43Page - Microchip Technology PIC16F753 Datasheet HTML 44Page - Microchip Technology PIC16F753 Datasheet HTML 45Page - Microchip Technology PIC16F753 Datasheet HTML 46Page - Microchip Technology PIC16F753 Datasheet HTML 47Page - Microchip Technology PIC16F753 Datasheet HTML 48Page - Microchip Technology PIC16F753 Datasheet HTML 49Page - Microchip Technology PIC16F753 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 46
 2013-2015 Microchip Technology Inc.
TABLE 5-2:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTA
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
ADCON0
ADFM
—
CHS<3:0>
GO/DONE
ADON
109
ADCON1
—
ADCS<2:0>
—
—
—
ADPREF1
110
ANSELA
—
—
—
ANSA4
—
ANSA2
ANSA1
ANSA0
44
APFCON
—
—
—T1GSEL
—
—
—
—
40
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1ZLF
C1SP
C1HYS
C1SYNC
129
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2ZLF
C2SP
C2HYS
C2SYNC
129
CM1CON1
C1INTP
C1INTN
C1PCH<2:0>
C1NCH<2:0>
130
CM2CON1
C2INTP
C2INTN
C2PCH<2:0>
C2NCH<2:0>
130
DAC1CON0
DACEN
DACFM
DACOE
—
DACPSS1
DACPSS0
—
—
120
IOCAF
—
—
IOCAF5
IOCAF4
IOCAF3
IOCAF2
IOCAF1
IOCAF0
45
IOCAN
—
—
IOCAN5
IOCAN4
IOCAN3
IOCAN2
IOCAN1
IOCAN0
45
IOCAP
—
—
IOCAP5
IOCAP4
IOCAP3
IOCAP2
IOCAP1
IOCAP0
45
LATA
—
—LATA5
LATA4
—
LATA2
LATA1
LATA0
43
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS<2:0>
16
PORTA
—
—
RA5
RA4
RA3
RA2
RA1
RA0
43
TRISA
—
—
TRISA5
TRISA4
TRISA3(1)
TRISA2
TRISA1
TRISA0
43
Legend:
x
= unknown, u = unchanged, – = unimplemented locations read as ‘0’. Shaded cells are not used by PORTA.
Note
1:
TRISA3 always reads ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com