Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 10Page - Microchip Technology PIC16F753 Datasheet HTML 11Page - Microchip Technology PIC16F753 Datasheet HTML 12Page - Microchip Technology PIC16F753 Datasheet HTML 13Page - Microchip Technology PIC16F753 Datasheet HTML 14Page - Microchip Technology PIC16F753 Datasheet HTML 15Page - Microchip Technology PIC16F753 Datasheet HTML 16Page - Microchip Technology PIC16F753 Datasheet HTML 17Page - Microchip Technology PIC16F753 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 14
 2013-2015 Microchip Technology Inc.
TABLE 2-4:
PIC16F753/HV753 SPECIAL FUNCTION REGISTERS SUMMARY BANK 3
Addr
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR/BOR
Values on
all other
Resets
Bank 3
180h
INDF
INDF<7:0>
xxxx xxxx
uuuu uuuu
181h
OPTION_REG
RAPU
INTEDG
T0CS
T0SE
PSA
PS<2:0>
1111 1111
1111 1111
182h
PCL
PCL<7:0>
0000 0000
0000 0000
183h
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
000q quuu
184h
FSR
FSR<7:0>
xxxx xxxx
uuuu uuuu
185h
ANSELA
—ANSA4
ANSA2
ANSA1
ANSA0
---1 -111
---1 -111
186h
Unimplemented
187h
ANSELC
ANSC3
ANSC2
ANSC1
ANSC0
---- 0000
---- 0000
188h
APFCON
T1GSEL
---0 ----
---0 ----
189h
OSCTUNE
TUN<4:0>
---0 0000
---0 0000
18Ah
PCLATH
PCLATH<4:0>
---0 0000
---0 0000
18Bh
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
0000 0000
0000 0000
18Ch
PMCON1
—WREN
WR
RD
---- -000
---- -000
18Dh
PMCON2
Program Memory Control Register 2
---- ----
---- ----
18Eh
PMADRL
PMADRL<7:0>
0000 0000
0000 0000
18Fh
PMADRH
PMADRH<1:0>
---- --00
---- --00
190h
PMDATL
PMDATL<7:0>
0000 0000
0000 0000
191h
PMDATH
—PMDATH<5:0>
--00 0000
--00 0000
192h
COG1PHR
G1PHR<3:0>
---- xxxx
---- uuuu
193h
COG1PHF
—G1PHF<3:0>
---- xxxx
---- uuuu
194h
COG1BKR
G1BKR<3:0>
---- xxxx
---- uuuu
195h
COG1BKF
G1BKF<3:0>
---- xxxx
---- uuuu
196h
COG1DBR
—G1DBR<3:0>
---- xxxx
---- uuuu
197h
COG1DBF
—G1DBF<3:0>
---- xxxx
---- uuuu
198h
COG1CON0
G1EN
G1OE1
G1OE0
G1POL1
G1POL0
G1LD
G1MD
0000 00-0
0000 00-0
199h
COG1CON1
G1RDBTS
G1FDBTS
G1CS<1:0>
00-- --00
00-- --00
19Ah COG1RIS
G1RIHLT2
G1RIHLT1
G1RIT2M
G1RIFLT
G1RICCP1
G1RIC2
G1RIC1
0000 0000
0000 0000
19Bh COG1RSIM
G1RMHLT2
G1RMHLT1
G1RMT2M
G1RMFLT
G1RMCCP1
G1RMC2
G1RMC1
0000 0000
0000 0000
19Ch COG1FIS
G1FIHLT2
G1FIHLT1
G1FIT2M
G1FIFLT
G1FICCP1
G1FIC2
G1FIC1
0000 0000
0000 0000
19Dh COG1FSIM
G1FMHLT2
G1FMHLT1
G1FMT2M
G1FMFLT
G1FMCCP1
G1FMC2
G1FMC1
0000 0000
0000 0000
19Eh COG1ASD0
C1ASDE
C1ARSEN
G1ASD1L<1:0>
G1ASD0L<1:0>
0000 00--
0000 00--
19Fh
COG1ASD1
G1ASDSHLT2
G1ASDSHLT1
G1ASDSC2
G1ASDSC1
G1ASDSFLT
0000 0000
0000 0000
Legend:
— = Unimplemented locations read as ‘0’, u = unchanged, x = unknown, q = value depends on condition shaded = unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com