Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 96 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 96 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 92Page - Microchip Technology PIC16F753 Datasheet HTML 93Page - Microchip Technology PIC16F753 Datasheet HTML 94Page - Microchip Technology PIC16F753 Datasheet HTML 95Page - Microchip Technology PIC16F753 Datasheet HTML 96Page - Microchip Technology PIC16F753 Datasheet HTML 97Page - Microchip Technology PIC16F753 Datasheet HTML 98Page - Microchip Technology PIC16F753 Datasheet HTML 99Page - Microchip Technology PIC16F753 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 230 page
background image
PIC16F753/HV753
DS40001709C-page 96
 2013-2015 Microchip Technology Inc.
REGISTER 11-5:
COGxFIS: COG FALLING EVENT INPUT SELECTION REGISTER
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
GxFIHLT2
GxFIHLT1
GxFIT2M
GxFIFLT
GxFICCP1
GxFIC2
GxFIC1
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
q = Value depends on condition
bit 7
Unimplemented: Read as ‘0’
bit 6
GxFIHLT2: COGx Falling Event Input Source 6 Enable bit
1
= HLTimer2 output is enabled as a falling event input
0
= HLTimer2 has no effect on the falling event
bit 5
GxFIHLT1: COGx Falling Event Input Source 5 Enable bit
1
= HLTimer1 output is enabled as a falling event input
0
= HLTimer1 has no effect on the falling event
bit 4
GxFIT2M: COGx Falling Event Input Source 4 Enable bit
1
= Timer2 match with PR2 is enabled as a falling event input
0
= Timer2 match with PR2 has no effect on the falling event
bit 3
GxFIFLT: COGx Falling Event Input Source 3 Enable bit
1
= COGxFLT pin is enabled as a falling event input
0
= COGxFLT pin has no effect on the falling event
bit 2
GxFICCP1: COGx Falling Event Input Source 2 Enable bit
1
= CCP1 output is enabled as a falling event input
0
= CCP1 has no effect on the falling event
bit 1
GxFIC2: COGx Falling Event Input Source 1 Enable bit
1
= Comparator 2 output is enabled as a falling event input
0
= Comparator 2 output has no effect on the falling event
bit 0
GxFIC1: COGx Falling Event Input Source 0 Enable bit
1
= Comparator 1 output is enabled as a falling event input
0
= Comparator 1 output has no effect on the falling event



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com