Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 73 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 73 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 69Page - Microchip Technology PIC16F753 Datasheet HTML 70Page - Microchip Technology PIC16F753 Datasheet HTML 71Page - Microchip Technology PIC16F753 Datasheet HTML 72Page - Microchip Technology PIC16F753 Datasheet HTML 73Page - Microchip Technology PIC16F753 Datasheet HTML 74Page - Microchip Technology PIC16F753 Datasheet HTML 75Page - Microchip Technology PIC16F753 Datasheet HTML 76Page - Microchip Technology PIC16F753 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 73
PIC16F753/HV753
TABLE 9-1:
SUMMARY OF REGISTERS ASSOCIATED WITH HLT
REGISTER 9-2:
HLTxCON1: HLTx CONTROL REGISTER 1
R/W-0/0
R/W-0/0
U-0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
R/W-0/0
HxFES
HxRES
HxERS<2:0>
HxFEREN
HxREREN
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n/n = Value at POR and BOR/Value at all other Resets
‘1’ = Bit is set
‘0’ = Bit is cleared
bit 7
HxFES: Hardware Limit Timerx Falling Edge Sensitivity bit
1
= Edge sensitive
0
= Level sensitive
bit 6
HxRES: Hardware Limit Timerx Rising Edge Sensitivity bit
1
= Edge sensitive
0
= Level sensitive
bit 5
Unimplemented: Read as ‘0’
bit 4-2
HxERS<2:0>: Hardware Limit Timerx External Reset Source Select bits
000
=
CCP1 Out
001
=C1OUT
010
=C2OUT
011
=
COG1FLT
100
=
COG1OUT0
101
=
COG1OUT1
110
=
Reserved - ‘0’ input
111
=
Reserved - ‘0’ input
bit 1
HxFEREN: Hardware Limit Timerx Falling Event Reset Enable bit
1
= HLTMRx will reset on the first clock after a falling event of selected Reset source
0
= Falling events of selected source have no effect
bit 0
HxREREN: Hardware Limit Timerx Rising Event Reset Enable bit
1
= HLTMRx will reset on the first clock after a rising event of selected Reset source
0
= Rising events of selected source have no effect
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
CCP1CON
DC1B<1:0>
CCP1M<3:0>
80
CM1CON0
C1ON
C1OUT
C1OE
C1POL
C1ZLF
C1SP
C1HYS
C1SYNC
129
CM1CON1
C1INTP
C1INTN
C1PCH<2:0>
C1NCH<2:0>
130
CM2CON0
C2ON
C2OUT
C2OE
C2POL
C2ZLF
C2SP
C2HYS
C2SYNC
129
CM2CON1
C2INTP
C2INTN
C2PCH<2:0>
C2NCH<2:0>
130
INTCON
GIE
PEIE
T0IE
INTE
IOCIE
T0IF
INTF
IOCIF
17
PIE1
TMR1GIE
ADIE
HLTMR2IE HLTMR1IE
TMR2IE
TMR1IE
18
PIR1
TMR1GIF
ADIF
HLTMR2IF
HLTMR1IF
TMR2IF
TMR1IF
20
HLTMRx
Holding Register for the 8-bit Hardware Limit TimerX Count
70*
HLTPRx
HLTMRx Module Period Register
70*
HLTxCON0
HxOUTPS<3:0>
HxON
HxCKPS<1:0>
72
HLTxCON1
HxFES
HxRES
HxERS<2:0>
HxFEREN
HxREREN
73
Legend:
— = unimplemented location, read as ‘0’. Shaded cells do not affect the HLT module operation.
*
Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com