Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 85 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 85 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 81Page - Microchip Technology PIC16F753 Datasheet HTML 82Page - Microchip Technology PIC16F753 Datasheet HTML 83Page - Microchip Technology PIC16F753 Datasheet HTML 84Page - Microchip Technology PIC16F753 Datasheet HTML 85Page - Microchip Technology PIC16F753 Datasheet HTML 86Page - Microchip Technology PIC16F753 Datasheet HTML 87Page - Microchip Technology PIC16F753 Datasheet HTML 88Page - Microchip Technology PIC16F753 Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 85
PIC16F753/HV753
11.2
Clock Sources
The COG_clock is used as the reference clock to the
various timers in the peripheral. Timers that use the
COG_clock include:
• Rising and falling dead-band time
• Rising and falling blanking time
• Rising and falling event phase delay
Clock sources available for selection include:
• 8 MHz HFINTOSC (active during Sleep)
• Instruction clock (Fosc/4)
• System clock (Fosc)
The clock source is selected with the GxCS<1:0> bits
of the COGxCON1 register (Register 11-2).
11.3
Selectable Event Sources
The COG uses any combination of independently
selectable
event
sources
to
generate
the
complementary waveform. Sources fall into two
categories:
• Rising event sources
• Falling event sources
The rising event sources are selected by setting bits in
the COGxRIS register (Register 11-3). The falling event
sources are selected by setting bits in the COGxFIS
register (Register 11-5). All selected sources are ‘OR’d
together to generate the corresponding event signal.
Refer to Figure 11-2.
11.3.1
EDGE VS. LEVEL SENSING
Event input detection may be selected as level or
edge-sensitive. The Detection mode is individually select-
able for every source. Rising source detection modes are
selected with the COGxRSIM register (Register 11-4).
Falling source detection modes are selected with the
COGxFSIM register (Register 11-6). A set bit enables
edge detection for the corresponding event source. A
cleared bit enables level detection.
In general, events that are driven from a periodic source
should be edge-detected and events that are derived from
voltage thresholds at the target circuit should be
level-sensitive. Consider the following two examples:
1.
The first example is an application in which the
period is determined by a 50% duty cycle clock
and the COG output duty cycle is determined by
a voltage level fed back through a comparator. If
the clock input is level sensitive, duty cycles less
than 50% will exhibit erratic operation.
2.
The second example is similar to the first,
except that the duty cycle is close to 100%. The
feedback comparator high-to-low transition trips
the COG drive off, but almost immediately the
period source turns the drive back on. If the off
cycle is short enough, the comparator input may
not reach the low side of the hysteresis band
precluding an output change. The comparator
output stays low and without a high-to-low tran-
sition to trigger the edge sense, the drive of the
COG output will be stuck in a constant drive-on
condition. See Figure 11-7.
FIGURE 11-7:
EDGE VS. LEVEL SENSE
11.3.2
RISING EVENT
The rising event starts the PWM output active duty
cycle period. The rising event is the low-to-high
transition of the rising_event output. When the rising
event phase delay and dead-band time values are zero,
the COGxOUT0 output starts immediately. Otherwise,
the COGxOUT0 output is delayed. The rising event
source causes all the following actions:
• Start rising event phase delay counter (if enabled).
• Clear COGxOUT1 after phase delay.
• Start falling event input blanking (if enabled).
• Start dead-band delay (if enabled).
• Set COGxOUT0 output after dead-band delay
expires.
11.3.3
FALLING EVENT
The falling event terminates the PWM output active
duty cycle period. The falling event is the high-to-low
transition of the falling_event output. When the falling
event phase delay and dead-band time values are
zero, the COGxOUT1 output starts immediately.
Otherwise, the COGxOUT1 output is delayed. The
falling event source causes all the following actions:
• Start falling event phase delay counter (if enabled).
• Clear COGxOUT0.
• Start rising event input blanking (if enabled).
• Start falling event dead-band delay (if enabled).
• Set COGxOUT1 output after dead-band delay expires.
Rising (CCP1)
Falling (C1OUT)
C1IN-
COGOUT
hyst
Edge Sensitive
Rising (CCP1)
Falling (C1OUT)
C1IN-
COGOUT
hyst
Level Sensitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com