Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 35 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 35 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 31Page - Microchip Technology PIC16F753 Datasheet HTML 32Page - Microchip Technology PIC16F753 Datasheet HTML 33Page - Microchip Technology PIC16F753 Datasheet HTML 34Page - Microchip Technology PIC16F753 Datasheet HTML 35Page - Microchip Technology PIC16F753 Datasheet HTML 36Page - Microchip Technology PIC16F753 Datasheet HTML 37Page - Microchip Technology PIC16F753 Datasheet HTML 38Page - Microchip Technology PIC16F753 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 35
PIC16F753/HV753
4.2
Clock Source Modes
Clock Source modes can be classified as external or
internal:
• The External Clock mode relies on an external
clock for the clock source. For example, a clock
module or clock output from another circuit.
• Internal clock sources are contained internally
within the oscillator module. The oscillator module
has four selectable clock frequencies:
-8 MHz
-4 MHz
-1 MHz
-31 kHz
The system clock can be selected between external or
internal clock sources via the FOSC0 bit of the
Configuration Word register (CONFIG).
4.2.1
EC MODE
The External Clock (EC) mode allows an externally
generated logic as the system clock source. The EC
clock mode is selected when the FOSC0 bit of the
Configuration Word is set.
When operating in this mode, an external clock source
must be connected to the CLKIN input. The CLKOUT is
available for either general purpose I/O or system clock
output. Figure 4-3 shows the pin connections for EC
mode.
Because the PIC® MCU design is fully static, stopping
the external clock input will have the effect of halting the
device while leaving all data intact. Upon restarting the
external clock, the device will resume operation as if no
time had elapsed.
FIGURE 4-3:
EXTERNAL CLOCK (EC)
MODE OPERATION
4.2.2
INTERNAL CLOCK MODE
Internal Clock mode configures the internal oscillators
as the system clock source. The Internal Clock mode is
selected when the FOSC0 bit of the Configuration
Word is cleared. The source and frequency are
selected with the IRCF<1:0> bits of the OSCCON
register.
When one of the HFINTOSC frequencies is selected,
the frequency of the internal oscillator can be trimmed
by adjusting the TUN<4:0> bits of the OSCTUNE
register.
Operation after a Power-on Reset (POR) or wake-up
from Sleep is delayed by the oscillator start-up time.
Delays are typically longer for the LFINTOSC than
HFINTOSC because of the very low-power operation
and relatively narrow bandwidth of the LF internal
oscillator. However, when another peripheral keeps the
oscillator running during Sleep, the start-up time is
delayed to allow the memory bias to stabilize.
FIGURE 4-4:
INTERNAL CLOCK MODE
OPERATION
4.2.2.1
Oscillator Ready Bits
The HTS and LTS bits of the OSCCON register indicate
the
status
of
the
HFINTOSC
and
LFINTOSC,
respectively. When either bit is set, it indicates that the
corresponding oscillator is running and stable.
CLKIN
CLKOUT(1)
I/O
Clock from
Ext. System
PIC® MCU
Note
1:
Alternate pin functions are listed in
Section 1.0 “Device Overview”.
CLKOUT(1)
I/O
PIC® MCU
Note
1:
Alternate pin functions are listed in
Section 1.0 “Device Overview”.
I/O
CLKIN(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com