Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 89 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 89 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 85Page - Microchip Technology PIC16F753 Datasheet HTML 86Page - Microchip Technology PIC16F753 Datasheet HTML 87Page - Microchip Technology PIC16F753 Datasheet HTML 88Page - Microchip Technology PIC16F753 Datasheet HTML 89Page - Microchip Technology PIC16F753 Datasheet HTML 90Page - Microchip Technology PIC16F753 Datasheet HTML 91Page - Microchip Technology PIC16F753 Datasheet HTML 92Page - Microchip Technology PIC16F753 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 89
PIC16F753/HV753
11.8
Auto-shutdown Control
Auto-shutdown is a method to immediately override
the COG output levels with specific overrides that
allow for safe shutdown of the circuit.
The
shutdown
state
can
be
either
cleared
automatically or held until cleared by software. In
either case, the shutdown overrides remain in effect
until the first rising event after the shutdown is cleared.
11.8.1
SHUTDOWN
The shutdown state can be entered by either of the
following two mechanisms:
• Software generated
• External Input
11.8.1.1
Software Generated Shutdown
Setting the GxASDE bit of the COGxASD0 register
(Register 11-7) will force the COG into the shutdown
state.
When auto-restart is disabled, the shutdown state will
persist until the first rising event after the GxASDE bit
is cleared by software.
When auto-restart is enabled, the GxASDE bit will
clear automatically and resume operation on the first
rising event after the shutdown input clears. See
Figure 11-8 and Section 11.8.3.2 “Auto-Restart”.
11.8.1.2
External Shutdown Source
External shutdown inputs provide the fastest way to
safely suspend COG operation in the event of a Fault
condition. When any of the selected shutdown inputs
goes true, the output drive latches are reset and the
COG outputs immediately go to the selected override
levels without software delay.
Any combination of the input sources can be selected
to cause a shutdown condition. Shutdown input
sources include:
• HLTimer1 output
• HLTimer2 output
• C2OUT (low true)
• C1OUT (low true)
• COG1FLT pin (low true)
Shutdown inputs are selected independently with bits
of the COGxASD1 register (Register 11-8).
11.8.2
PIN OVERRIDE LEVELS
The levels driven to the output pins, while the
shutdown
is
active,
are
controlled
by
the
GxASD0L<1:0> and GxASD1L<1:0> bits
of the
COGxASD0 register (Register 11-7). GxASD0L<1:0>
controls
the
GxOUT0
override
level
and
GxASD1L<1:0> controls the GxOUT1 override level.
There are four override options for each output:
•Forced low
• Forced high
• Tri-state
• PWM inactive state (same state as that caused by
a falling event)
11.8.3
AUTO-SHUTDOWN RESTART
After an auto-shutdown event has occurred, there are
two ways to have the module resume operation:
• Software controlled
• Auto-restart
The restart method is selected with the GxARSEN bit
of the COGxASD0 register. Waveforms of a software
controlled automatic restart are shown in Figure 11-8.
11.8.3.1
Software Controlled Restart
When the GxARSEN bit of the COGxASD0 register is
cleared, software must clear the GxASDE bit to restart
COG operation after an auto-shutdown event.
The COG will resume operation on the first rising
event after the GxASDE bit is cleared. Clearing the
shutdown state requires all selected shutdown inputs
to be false, otherwise, the GxASDE bit will remain set.
11.8.3.2
Auto-Restart
When the GxARSEN bit of the COGxASD0 register is
set, the COG will restart from the auto-shutdown state
automatically.
The GxASDE bit will clear automatically and the COG
will resume operation on the first rising event after all
selected shutdown inputs go false.
Note:
Shutdown inputs are level-sensitive, not
edge-sensitive.
The
shutdown
state
cannot
be
cleared
as
long
as
the
shutdown input level persists, except by
disabling auto-shutdown.
Note:
The polarity control does not apply to the
forced low and high override levels.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com