Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 7 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 3Page - Microchip Technology PIC16F753 Datasheet HTML 4Page - Microchip Technology PIC16F753 Datasheet HTML 5Page - Microchip Technology PIC16F753 Datasheet HTML 6Page - Microchip Technology PIC16F753 Datasheet HTML 7Page - Microchip Technology PIC16F753 Datasheet HTML 8Page - Microchip Technology PIC16F753 Datasheet HTML 9Page - Microchip Technology PIC16F753 Datasheet HTML 10Page - Microchip Technology PIC16F753 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 7
PIC16F753/HV753
TABLE 1-1:
PIC16F753/HV753 PINOUT DESCRIPTION
Name
Function
Input
Type
Output
Type
Description
RA0/AN0/C1IN0+/DACOUT/
FVROUT/ICSPDAT
RA0
TTL
HP
General purpose I/O with IOC and WPU.
AN0
AN
—
A/D Channel 0 input.
C1IN0+
AN
—
Comparator C1 positive input.
DACOUT
—
AN
DAC unbuffered Voltage Reference output.
FVROUT
—
AN
DAC/FVR buffered Voltage Reference output.
ICSPDAT
ST
HP
Serial Programming Data I/O.
RA1/AN1/C1IN0-/C2IN0-/
VREF+/FVRIN/ICSPCLK
RA1
TTL
CMOS
General purpose I/O with IOC and WPU.
AN1
AN
—
A/D Channel 1 input.
C1IN0-
AN
—
Comparator C1 negative input.
C2IN0-
AN
—
Comparator C2 negative input.
VREF+
AN
—
A/D Positive Voltage Reference input.
FVRIN
AN
—
Voltage reference input.
ICSPCLK
ST
—
Serial Programming Clock.
RA2/AN2/INT/C1OUT/
T0CKI/COG1FLT
RA2
ST
HP
General purpose I/O with IOC and WPU.
AN2
AN
—
A/D Channel 2 input.
INT
ST
—
External interrupt.
C1OUT
—
HP
Comparator C1 output.
T0CKI
ST
—
Timer0 clock input.
COG1FLT
ST
—
COG auto-shutdown fault input.
RA3(1)/T1G(3)/VPP/MCLR(4)
RA3
TTL
—
General purpose input with WPU.
T1G
ST
—
Timer1 Gate input.
VPP
HV
—
Programming voltage.
MCLR
ST
—
Master Clear w/internal pull-up.
RA4/AN3/T1G(2)/CLKOUT
RA4
TTL
CMOS
General purpose I/O with IOC and WPU.
AN3
AN
—
A/D Channel 3 input.
T1G
ST
—
Timer1 Gate input.
CLKOUT
—
CMOS
FOSC/4 output.
RA5/T1CKI/COG1OUT0(3)/
C2IN1-/CLKIN
RA5
TTL
CMOS
General purpose I/O with IOC and WPU.
T1CKI
ST
—
Timer1 clock input.
CLKIN
ST
—
External Clock input (EC mode).
RC0/AN4/OPA1IN+/C2IN0+
RC0
TTL
CMOS
General purpose I/O with IOC and WPU.
AN4
AN
—
A/D Channel 4 input.
OPA1IN+
AN
—
Op amp positive input.
C2IN0+
AN
—
Comparator C2 positive input.
RC1/AN5/OPA1IN-/C1IN1-/
C2IN1-
RC1
TTL
CMOS
General purpose I/O with IOC and WPU.
AN5
AN
—
A/D Channel 5 input.
OPA1IN-
AN
—
Op amp negative input.
C1IN1-
AN
—
Comparator C1 negative input.
C2IN1-
AN
—
Comparator C2 negative input.
Legend: AN = Analog input or output
CMOS = CMOS compatible input or output
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels
HP = High Power
HV
= High Voltage
*
Alternate pin function.
Note
1:
Input only.
2:
Default pin function via the APFCON register.
3:
Alternate pin function via the APFCON register.
4:
RA3 pull-up is enabled when pin is configured as MCLR in Configuration Word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com