Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 87Page - Microchip Technology PIC16F753 Datasheet HTML 88Page - Microchip Technology PIC16F753 Datasheet HTML 89Page - Microchip Technology PIC16F753 Datasheet HTML 90Page - Microchip Technology PIC16F753 Datasheet HTML 91Page - Microchip Technology PIC16F753 Datasheet HTML 92Page - Microchip Technology PIC16F753 Datasheet HTML 93Page - Microchip Technology PIC16F753 Datasheet HTML 94Page - Microchip Technology PIC16F753 Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 91
PIC16F753/HV753
11.9
Buffer Updates
Changes to the phase, dead-band, and blanking count
registers need to occur simultaneously during COG
operation to avoid unintended operation that may
occur as a result of delays between each register
write. This is accomplished with the GxLD bit of the
COGxCON0 register and double buffering of the
phase, blanking, and dead-band count registers.
Before the COG module is enabled, writing the count
registers loads the count buffers without need of the
GxLD bit. However, when the COG is enabled, the
count buffers updates are suspended after writing the
count registers until after the GxLD bit is set. When the
GxLD bit is set, the phase, dead-band, and blanking
register values are transferred to the corresponding
buffers synchronous with COG operation. The GxLD
bit is cleared by hardware when the transfer is
complete.
11.10 Alternate Pin Selection
The
COGxOUT0,
COGxOUT1
and
COGxFLT
functions can be directed to alternate pins with control
bits of the APFCON register. Refer to Register 5-1.
11.11 Operation During Sleep
The COG continues to operate in Sleep provided that
the COG_clock, rising event, and falling event sources
remain active.
The HFINTSOC remains active during Sleep when the
COG is enabled and the HFINTOSC is selected as the
COG_clock source.
11.12 Configuring the COG
The following steps illustrate how to properly configure
the COG to ensure a synchronous start with the rising
event input:
1.
Configure
the
desired
COGxFLT
input,
COGxOUT0 and COGxOUT1 pins with the
corresponding bits in the APFCON register.
2.
Clear all ANSELA register bits associated with
pins that are used for COG functions.
3.
Ensure that the TRIS control bits corresponding
to COGxOUT0 and COGxOUT1 are set so that
both are configured as inputs. These will be set
as outputs later.
4.
Clear the GxEN bit, if not already cleared.
5.
Set desired dead-band times with the COGxDBR
and COGxDBF registers.
6.
Set desired blanking times with the COGxBKR
and COGxBKF registers.
7.
Set desired phase delay with the COGxPHR
and COGxPHF registers.
8.
Select the desired shutdown sources with the
COGxASD1 register.
9.
Set up the following controls in COGxASD0
auto-shutdown register:
• Select both output overrides to the desired
levels (this is necessary, even if not using
auto-shutdown because start-up will be from
a shutdown state).
• Set the GxASDE bit and clear the GxARSEN
bit.
10. Select the desired rising and falling event sources
with the COGxRIS and COGxFIS registers.
11. Select the desired rising and falling event modes
with the COGxRSIM and COGxFSIM registers.
12. Configure
the
following
controls
in
the
COGxCON1 register:
• Select the desired clock source
• Select the desired dead-band timing sources
13. Configure
the
following
controls
in
the
COGxCON0 register:
• Select the desired output polarities.
• Set the output enables of the outputs to be
used.
14. Set the GxEN bit.
15. Clear TRIS
control bits
corresponding to
COGxOUT0 and COGxOUT1 to be used,
thereby configuring those pins as outputs.
16. If auto-restart is to be used, set the GxARSEN bit
and the GxASDE will be cleared automatically.
Otherwise, clear the GxASDE bit to start the
COG.
Note:
The default COG outputs have high drive
strength capability, whereas the alternate
outputs do not.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com