Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F753 Datasheet(PDF) 157 Page - Microchip Technology

Part # PIC16F753
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F753 Datasheet(HTML) 157 Page - Microchip Technology

Back Button PIC16F753 Datasheet HTML 153Page - Microchip Technology PIC16F753 Datasheet HTML 154Page - Microchip Technology PIC16F753 Datasheet HTML 155Page - Microchip Technology PIC16F753 Datasheet HTML 156Page - Microchip Technology PIC16F753 Datasheet HTML 157Page - Microchip Technology PIC16F753 Datasheet HTML 158Page - Microchip Technology PIC16F753 Datasheet HTML 159Page - Microchip Technology PIC16F753 Datasheet HTML 160Page - Microchip Technology PIC16F753 Datasheet HTML 161Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 230 page
background image
 2013-2015 Microchip Technology Inc.
DS40001709C-page 157
PIC16F753/HV753
CM2CON1
9Ch
0000 ---0
0000 ---0
uuuu ---u
CM1CON0
9Dh
0000 0100
0000 0100
uuuu uuuu
CM1CON1
9Eh
0000 ---0
0000 ---0
uuuu ---u
CMOUT
9Fh
---- --00
---- --00
---- --uu
LATA
105h
--xx -xxx
--uu -uuu
--uu -uuu
IOCAN
108h
--00 0000
--00 0000
--uu uuuu
WPUA
10Ch
--00 0000
--00 0000
--uu uuuu
SLRCON0
10Dh
---- -0-0
---- -0-0
---- -u-u
PCON
10Fh
---- --qq
---- --uu(1, 5)
---- --uu
TMR2
110h
0000 0000
0000 0000
uuuu uuuu
PR2
111h
1111 1111
1111 1111
uuuu uuuu
T2CON
112h
-000 0000
-000 0000
-uuu uuuu
HLTMR1
113h
0000 0000
0000 0000
uuuu uuuu
HLTPR1
114h
1111 1111
1111 1111
uuuu uuuu
HLT1CON0
115h
-000 0000
-000 0000
-uuu uuuu
HLT1CON1
116h
---0 0000
---0 0000
---u uuuu
ANSELA
185h
--11 -111
--11 -111
--uu -uuu
APFCON
188h
---0 -000
---0 -000
---u -uuu
OSCTUNE
189h
---0 0000
---u uuuu
---u uuuu
PMCON1
18Ch
---- -000
---- -000
---- -uuu
PMCON2
18Dh
---- ----
---- ----
---- ----
PMADRL
18Eh
0000 0000
0000 0000
uuuu uuuu
PMADRH
18Fh
---- --00
---- --00
---- --uu
PMDATL
190h
0000 0000
0000 0000
uuuu uuuu
PMDATH
191h
--00 0000
--00 0000
--uu uuuu
COG1PH
192h
---- xxxx
---- uuuu
---- uuuu
COG1BLK
193h
xxxx xxxx
uuuu uuuu
uuuu uuuu
COG1DB
194h
xxxx xxxx
uuuu uuuu
uuuu uuuu
COG1CON0
195h
0000 0000
0000 0000
uuuu uuuu
COG1CON1
196h
--00 0000
--00 0000
--uu uuuu
COG1ASD
197h
0000 0000
0000 0000
uuuu uuuu
TABLE 19-4:
INITIALIZATION CONDITION FOR REGISTERS (CONTINUED)
Register
Address
Power-on Reset
MCLR Reset
WDT Reset
Brown-out Reset(1)
Wake-up from Sleep through
Interrupt
Wake-up from Sleep through
WDT Time-out
Legend:
u
= unchanged, x = unknown, – = unimplemented bit, reads as ‘0’, q = value depends on condition.
Note 1:
If VDD goes too low, Power-on Reset will be activated and registers will be affected differently.
2:
One or more bits in INTCON and/or PIRx will be affected (to cause wake-up).
3:
When the wake-up is due to an interrupt and the GIE bit is set, the PC is loaded with the interrupt vector (0004h).
4:
See Table 19-5 for Reset value for specific condition.
5:
If Reset was due to brown-out, then bit 0 = 0. All other Resets will cause bit 0 = u.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com