Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 142 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 142 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 138Page - STMicroelectronics STM32L4R5VG Datasheet HTML 139Page - STMicroelectronics STM32L4R5VG Datasheet HTML 140Page - STMicroelectronics STM32L4R5VG Datasheet HTML 141Page - STMicroelectronics STM32L4R5VG Datasheet HTML 142Page - STMicroelectronics STM32L4R5VG Datasheet HTML 143Page - STMicroelectronics STM32L4R5VG Datasheet HTML 144Page - STMicroelectronics STM32L4R5VG Datasheet HTML 145Page - STMicroelectronics STM32L4R5VG Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 306 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
142/306
DocID030321 Rev 3
Table 19. Voltage characteristics(1)
1. All main power (VDD, VDDA, VDDIO2, VDDUSB, VBAT) and ground (VSS, VSSA) pins must always be
connected to the external power supply, in the permitted range.
Symbol
Ratings
Min
Max
Unit
VDDX - VSS
External main supply voltage (including
VDD, VDDA, VDDIO2, VDDUSB, VBAT)
-0.3
4.0
V
VDD12 - VSS
External SMPS supply voltage
Range 1
-0.3
1.32
Range 2
-0.3
VIN(2)
2. VIN maximum must always be respected. Refer to Table 20: Current characteristics for the maximum
allowed injected current values.
Input voltage on FT_xxx pins
VSS-0.3
min (VDD, VDDA,
VDDIO2, VDDUSB)
+ 4.0(3)(4)
3. This formula has to be applied only on the power supplies related to the IO structure described in the pin
definition table.
4. To sustain a voltage higher than 4 V the internal pull-up/pull-down resistors must be disabled.
Input voltage on TT_xx pins
VSS-0.3
4.0
Input voltage on BOOT0 pin
VSS
9.0
Input voltage on any other pins
VSS-0.3
4.0
|∆VDDx|
Variations between different VDDX power
pins of the same domain
-50
mV
|VSSx-VSS|
Variations between all the different ground
pins(5)
5. Include VREF- pin.
-50
Table 20. Current characteristics
Symbol
Ratings
Max
Unit
∑IVDD
Total current into sum of all VDD power lines (source)(1) (2)
1. All main power (VDD, VDDA, VDDIO2, VDDUSB, VBAT) and ground (VSS, VSSA) pins must always be
connected to the external power supplies, in the permitted range.
2. Valid also for VDD12 on SMPS package.
200
mA
∑IVSS
Total current out of sum of all VSS ground lines (sink)(1) (2)
200
IVDD(PIN)
Maximum current into each VDD power pin (source)(1)
100
IVSS(PIN)
Maximum current out of each VSS ground pin (sink)(1)
100
IIO(PIN)
Output current sunk by any I/O and control pin except FT_f
20
Output current sunk by any FT_f pin
20
Output current sourced by any I/O and control pin
20
∑IIO(PIN)
Total output current sunk by sum of all I/Os and control pins(3)
100
Total output current sourced by sum of all I/Os and control pins(3)
100
IINJ(PIN)(4)
Injected current on FT_xxx, TT_xx, RST and B pins, except PA4, PA5 -5/+0(5)
Injected current on PA4, PA5
-5/0
∑|IINJ(PIN)| Total injected current (sum of all I/Os and control pins)(6)
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com