Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 143 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 143 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 139Page - STMicroelectronics STM32L4R5VG Datasheet HTML 140Page - STMicroelectronics STM32L4R5VG Datasheet HTML 141Page - STMicroelectronics STM32L4R5VG Datasheet HTML 142Page - STMicroelectronics STM32L4R5VG Datasheet HTML 143Page - STMicroelectronics STM32L4R5VG Datasheet HTML 144Page - STMicroelectronics STM32L4R5VG Datasheet HTML 145Page - STMicroelectronics STM32L4R5VG Datasheet HTML 146Page - STMicroelectronics STM32L4R5VG Datasheet HTML 147Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 306 page
background image
DocID030321 Rev 3
143/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
6.3
Operating conditions
6.3.1
General operating conditions
3. This current consumption must be correctly distributed over all I/Os and control pins. The total output
current must not be sunk/sourced between two consecutive power supply pins referring to high pin count
QFP packages.
4. Positive injection (when VIN > VDDIOx) is not possible on these I/Os and does not occur for input voltages
lower than the specified maximum value.
5. A negative injection is induced by VIN < VSS. IINJ(PIN) must never be exceeded. Refer also to Table 19:
Voltage characteristics for the minimum allowed input voltage values.
6. When several inputs are submitted to a current injection, the maximum ∑|IINJ(PIN)| is the absolute sum of
the negative injected currents (instantaneous values).
Table 21. Thermal characteristics
Symbol
Ratings
Value
Unit
TSTG
Storage temperature range
–65 to +150
°C
TJ
Maximum junction temperature
150
°C
Table 22. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock
frequency
-
0
120
MHz
fPCLK1
Internal APB1 clock
frequency
-
0
120
fPCLK2
Internal APB2 clock
frequency
-
0
120
VDD
Standard operating
voltage
-
1.71
(1)
3.6
V
VDD12
Standard operating
voltage
Up to 120 MHz
1.14
1.4
Up to 80 MHz
1.08
1.4
Up to 26 MHz
1.05
(2)
1.4
VDDIO2
PG[15:2] I/Os supply
voltage
At least one I/O in PG[15:2]
used
1.08
3.6
PG[15:2] not used
0
3.6
VDDA Analog supply voltage
ADC or COMP used
1.62
3.6
DAC or OPAMP used
1.8
VREFBUF used
2.4
ADC, DAC, OPAMP, COMP,
VREFBUF not used
0
VBAT
Backup operating voltage
-
1.55
3.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com