Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 144 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 144 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 140Page - STMicroelectronics STM32L4R5VG Datasheet HTML 141Page - STMicroelectronics STM32L4R5VG Datasheet HTML 142Page - STMicroelectronics STM32L4R5VG Datasheet HTML 143Page - STMicroelectronics STM32L4R5VG Datasheet HTML 144Page - STMicroelectronics STM32L4R5VG Datasheet HTML 145Page - STMicroelectronics STM32L4R5VG Datasheet HTML 146Page - STMicroelectronics STM32L4R5VG Datasheet HTML 147Page - STMicroelectronics STM32L4R5VG Datasheet HTML 148Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 306 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
144/306
DocID030321 Rev 3
VDDUSB USB supply voltage
USB used
3.0
3.6
V
USB not used
0
3.6
VIN
I/O input voltage
TT_xx I/O
-0.3
VDDIOx+0.3
BOOT0
0
9
All I/O except BOOT0 and
TT_xx
-0.3
MIN(MIN(VDD,
VDDA, VDDIO2,
VDDUSB,
VLCD)+3.6 V,
5.5 V)(3)(4)
PD
Power dissipation at
TA = 85 °C for suffix 6(5)
LQFP144
-
-
625
mW
LQFP100
-
-
476
UFBGA169
-
-
385
UFBGA132
-
-
364
WLCSP144
-
-
664
PD
Power dissipation at
TA = 125 °C for suffix 3(5)
LQFP144
-
-
156
mW
LQFP100
-
-
119
UFBGA169
-
-
96
UFBGA132
-
-
91
WLCSP144
-
-
831
TA
Ambient temperature for
the suffix 6 version
Maximum power dissipation
–40
85
°C
Low-power dissipation(6)
–40
105
Ambient temperature for
the suffix 3 version
Maximum power dissipation
–40
125
Low-power dissipation(6)
–40
130
TJ
Junction temperature
range
Suffix 6 version
–40
105
°C
Suffix 3 version
–40
130
1. When RESET is released functionality is guaranteed down to VBOR0 Min.
2. For Flash erase and program operation, VDD12 min must be 1.08 V.
3. This formula has to be applied only on the power supplies related to the IO structure described by the pin
definition table. Maximum I/O input voltage is the smallest value between MIN(VDD, VDDA, VDDIO2,
VDDUSB)+3.6 V and 5.5V.
4. For operation with voltage higher than Min (VDD, VDDA, VDDIO2, VDDUSB) +0.3 V, the internal Pull-up and
Pull-Down resistors must be disabled.
5. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Section 7.7: Thermal
characteristics).
6. In low-power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see
Section 7.7: Thermal characteristics).
Table 22. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com