Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 209 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 209 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 205Page - STMicroelectronics STM32L4R5VG Datasheet HTML 206Page - STMicroelectronics STM32L4R5VG Datasheet HTML 207Page - STMicroelectronics STM32L4R5VG Datasheet HTML 208Page - STMicroelectronics STM32L4R5VG Datasheet HTML 209Page - STMicroelectronics STM32L4R5VG Datasheet HTML 210Page - STMicroelectronics STM32L4R5VG Datasheet HTML 211Page - STMicroelectronics STM32L4R5VG Datasheet HTML 212Page - STMicroelectronics STM32L4R5VG Datasheet HTML 213Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 306 page
background image
DocID030321 Rev 3
209/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
6.3.17
I/O port characteristics
General input/output characteristics
Unless otherwise specified, the parameters given in Table 76 are derived from tests
performed under the conditions summarized in Table 22: General operating conditions. All
I/Os are designed as CMOS- and TTL-compliant (except BOOT0).
Table 75. I/O current injection susceptibility
Symbol
Description
Functional
susceptibility
Unit
Negative
injection
Positive
injection
IINJ(1)
1. Guaranteed by characterization.
Injected current on all pins except PA4, PA5, PB0, PF13,
PE15, PC8, PA13, PH3-BOOT0, PB8, PE0,
OPAMP1_V1NM, OPAMP2_V1NM
-5
NA
mA
Injected current on pins PF13, PE15, PC8, PA13, PH3-
BOOT0, PB8, PE0
0NA
Injected current on pins OPAMP1_V1NM,
OPAMP2_V1NM
00
Injected current on PA4, PA5, PB0 pins
-5
0
Table 76. I/O static characteristics
Sym
bol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
(1)
I/O input low
level voltage
except BOOT0
1.62 V<VDDIOx<3.6 V
-
-
0.3xVDDIOx
(2)
V
I/O input low
level voltage
except BOOT0
1.62 V<VDDIOx<3.6 V
-
-
0.39xVDDIOx-0.06
(3)
I/O input low
level voltage
except BOOT0
1.08 V<VDDIOx<1.62 V
-
-
0.43xVDDIOx-0.1
(3)
BOOT0 I/O input
low level voltage
1.62 V<VDDIOx<3.6 V
-
-
0.17xVDDIOx
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com