Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 211 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 211 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 207Page - STMicroelectronics STM32L4R5VG Datasheet HTML 208Page - STMicroelectronics STM32L4R5VG Datasheet HTML 209Page - STMicroelectronics STM32L4R5VG Datasheet HTML 210Page - STMicroelectronics STM32L4R5VG Datasheet HTML 211Page - STMicroelectronics STM32L4R5VG Datasheet HTML 212Page - STMicroelectronics STM32L4R5VG Datasheet HTML 213Page - STMicroelectronics STM32L4R5VG Datasheet HTML 214Page - STMicroelectronics STM32L4R5VG Datasheet HTML 215Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 306 page
background image
DocID030321 Rev 3
211/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
All I/Os are CMOS- and TTL-compliant (no software configuration required). Their
characteristics cover more than the strict CMOS-technology or TTL parameters. The
coverage of these requirements is shown in Figure 37 for standard I/Os, and in Figure 37 for
5 V tolerant I/Os.
Figure 37. I/O input characteristics
Output driving current
The GPIOs (general purpose input/outputs) can sink or source up to ±8 mA, and sink or
source up to ± 20 mA (with a relaxed VOL/VOH).
1. Refer to Figure 37: I/O input characteristics.
2. Tested in production.
3. Guaranteed by design.
4. Max(VDDXXX) is the maximum value of all the I/O supplies. Refer to Table: Legend/Abbreviations used in
the pinout table.
5. All TX_xx IO except FT_lu, FT_u, PB2 and PC3.
6. This value represents the pad leakage of the IO itself. The total product pad leakage is provided by this
formula:
ITotal_Ileak_max = 10 µA + [number of IOs where VIN is applied on the pad] ₓ Ilkg(Max).
7. To sustain a voltage higher than MIN(VDD, VDDA, VDDUSB, VLCD) +0.3 V, the internal Pull-up and Pull-Down
resistors must be disabled.
8. Refer to Ibias in Table 92: OPAMP characteristics for the values of the OPAMP dedicated input leakage
current.
9. Pull-up and pull-down resistors are designed with a true resistance in series with a switchable
PMOS/NMOS. This PMOS/NMOS contribution to the series resistance is minimal (~10% order).
MSv37613V1
Teste
d in
production
CMOS
requirement
Vih
min
= 0
.7xV
DDIO
x
Based
on simulati
on Vi
h min
= 0.
61xV
DDIOx
+0.05
for 1.08<V
DDIOx
<1.62
or 0.49xV
DDIOx
+0.2
6 for
VDDI
Ox>1
.62
Based
on simu
lation
Vil m
ax =0.43xV
DDIOx
-0.1 for
1.08
<VDDIOx
<1.62
or 0.39xV
DDIOx
-0.06
for VDDIO
x>1.62
Tested
in produ
ction CMOS
requirement
Vil ma
x = 0.3xVdd
TTL requirement Vih min = 2V
TTL requirement Vil max = 0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com