Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 210 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 210 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 206Page - STMicroelectronics STM32L4R5VG Datasheet HTML 207Page - STMicroelectronics STM32L4R5VG Datasheet HTML 208Page - STMicroelectronics STM32L4R5VG Datasheet HTML 209Page - STMicroelectronics STM32L4R5VG Datasheet HTML 210Page - STMicroelectronics STM32L4R5VG Datasheet HTML 211Page - STMicroelectronics STM32L4R5VG Datasheet HTML 212Page - STMicroelectronics STM32L4R5VG Datasheet HTML 213Page - STMicroelectronics STM32L4R5VG Datasheet HTML 214Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 306 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
210/306
DocID030321 Rev 3
VIH
(1)
I/O input high
level voltage
except BOOT0
1.62 V<VDDIOx<3.6 V
0.7xVDDIOx (2)
--
V
I/O input high
level voltage
except BOOT0
1.62 V<VDDIOx<3.6 V
0.49xVDDIOX+0.26
(3)
--
I/O input high
level voltage
except BOOT0
1.08 V<VDDIOx<1.62 V
0.61xVDDIOX+0.05
(3)
--
BOOT0 I/O input
high level
voltage
1.62 V<VDDIOx<3.6 V
0.77xVDDIOX (3)
--
Vhys
(3)
TT_xx, FT_xxx
and NRST I/O
input hysteresis
1.62 V<VDDIOx<3.6 V
-
200
-
mV
FT_sx
1.08 V<VDDIOx<1.62 V
-
150
-
BOOT0 I/O input
hysteresis
1.62 V<VDDIOx<3.6 V
-
200
-
Ilkg
FT_xx input
leakage
current(3)
VIN ≤ Max(VDDXXX)(4)
--
±100
nA
Max(VDDXXX) ≤ VIN ≤
Max(VDDXXX)+1 V(4)(5)
-
-
650(3)(6)
Max(VDDXXX)+1 V <
VIN ≤ 5.5 V(3)(5)
--
200(6)
FT_lu, FT_u,
PB2 and PC3 IO
VIN ≤ Max(VDDXXX) (4)
--
±150
Max(VDDXXX) ≤ VIN ≤
Max(VDDXXX)+1 V(4)
-
-
2500(3)(7)
Max(VDDXXX)+1 V <
VIN ≤ 5.5 V(4)(5)(7)
--
250(7)
TT_xx input
leakage current
VIN ≤ Max(VDDXXX)(6)
--
±150
Max(VDDXXX) ≤ VIN <
3.6 V(6)
-
-
2000(3)
OPAMPx_VINM
(x=1,2)
dedicated input
leakage current
--
-
(8)
RPU
Weak pull-up
equivalent
resistor (9)
VIN = VSS
25
40
55
kΩ
RPD
Weak pull-down
equivalent
resistor(9)
VIN = VDDIOx
25
40
55
kΩ
CIO
I/O pin
capacitance
--
5
-
pF
Table 76. I/O static characteristics (continued)
Sym
bol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com