Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 267 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 267 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 263Page - STMicroelectronics STM32L4R5VG Datasheet HTML 264Page - STMicroelectronics STM32L4R5VG Datasheet HTML 265Page - STMicroelectronics STM32L4R5VG Datasheet HTML 266Page - STMicroelectronics STM32L4R5VG Datasheet HTML 267Page - STMicroelectronics STM32L4R5VG Datasheet HTML 268Page - STMicroelectronics STM32L4R5VG Datasheet HTML 269Page - STMicroelectronics STM32L4R5VG Datasheet HTML 270Page - STMicroelectronics STM32L4R5VG Datasheet HTML 271Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 306 page
background image
DocID030321 Rev 3
267/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
Figure 55. Synchronous non-multiplexed NOR/PSRAM read timings
Table 116. Synchronous non-multiplexed NOR/PSRAM read timings(1)(2)(3)
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FMC_CLK period
RxTHCLK -0.5
-
ns
td(CLKL-NExL)
FMC_CLK low to FMC_NEx low (x=0..2)
-
2.5
td(CLKH-NExH)
FMC_CLK high to FMC_NEx high (x= 0…2)
RxTHCLK/2 +1
-
td(CLKL-NADVL) FMC_CLK low to FMC_NADV low
-
2.5
td(CLKL-NADVH) FMC_CLK low to FMC_NADV high
2
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid (x=16…25)
-
5.5
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid (x=16…25)
RxTHCLK/2 +0.5
-
td(CLKL-NOEL)
FMC_CLK low to FMC_NOE low
-
2
td(CLKH-NOEH)
FMC_CLK high to FMC_NOE high
RxTHCLK/2 +1
-
tsu(DV-CLKH)
FMC_D[15:0] valid data before FMC_CLK high
2
-
th(CLKH-DV)
FMC_D[15:0] valid data after FMC_CLK high
4
-
FMC_CLK
FMC_NEx
FMC_A[25:0]
FMC_NOE
FMC_D[15:0]
D1
D2
FMC_NWAIT
(WAITCFG = 1b,
WAITPOL + 0b)
FMC_NWAIT
(WAITCFG = 0b,
WAITPOL + 0b)
tw(CLK)
tw(CLK)
Data latency = 0
td(CLKL-NExL)
td(CLKH-NExH)
td(CLKL-AV)
td(CLKH-AIV)
td(CLKL-NOEL)
td(CLKH-NOEH)
tsu(DV-CLKH)
th(CLKH-DV)
tsu(DV-CLKH)
th(CLKH-DV)
tsu(NWAITV-CLKH)
th(CLKH-NWAITV)
tsu(NWAITV-CLKH)
t h(CLKH-NWAITV)
tsu(NWAITV-CLKH)
th(CLKH-NWAITV)
MS32759V1
FMC_NADV
td(CLKL-NADVL)
td(CLKL-NADVH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com