Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 269 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 269 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 265Page - STMicroelectronics STM32L4R5VG Datasheet HTML 266Page - STMicroelectronics STM32L4R5VG Datasheet HTML 267Page - STMicroelectronics STM32L4R5VG Datasheet HTML 268Page - STMicroelectronics STM32L4R5VG Datasheet HTML 269Page - STMicroelectronics STM32L4R5VG Datasheet HTML 270Page - STMicroelectronics STM32L4R5VG Datasheet HTML 271Page - STMicroelectronics STM32L4R5VG Datasheet HTML 272Page - STMicroelectronics STM32L4R5VG Datasheet HTML 273Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 306 page
background image
DocID030321 Rev 3
269/306
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
Electrical characteristics
281
NAND controller waveforms and timings
Figure 57 through Figure 60 represent synchronous waveforms, and Table 118 and
Table 119 provide the corresponding timings. The results shown in these tables are
obtained with the following FMC configuration:
•
COM.FMC_SetupTime = 0x01
•
COM.FMC_WaitSetupTime = 0x03
•
COM.FMC_HoldSetupTime = 0x02
•
COM.FMC_HiZSetupTime = 0x01
•
ATT.FMC_SetupTime = 0x01
•
ATT.FMC_WaitSetupTime = 0x03
•
ATT.FMC_HoldSetupTime = 0x02
•
ATT.FMC_HiZSetupTime = 0x01
•
Bank = FMC_Bank_NAND
•
MemoryDataWidth = FMC_MemoryDataWidth_16b
•
ECC = FMC_ECC_Enable
•
ECCPageSize = FMC_ECCPageSize_512Bytes
•
TCLRSetupTime = 0
•
TARSetupTime = 0
In all timing tables, the THCLK is the HCLK clock period.
Table 117. Synchronous non-multiplexed PSRAM write timings(1)(2)(3)
1. CL = 30 pF.
2. Guaranteed by characterization results.
3. Clock ratio R = (HCLK period /FMC_CLK period).
Symbol
Parameter
Min
Max
Unit
tw(CLK)
FMC_CLK period
RxTHCLK-0.5
-
ns
td(CLKL-NExL)
FMC_CLK low to FMC_NEx low (x=0..2)
-
2.5
td(CLKH-NExH)
FMC_CLK high to FMC_NEx high (x= 0…2)
RxTHCLK/2 +1
-
td(CLKL-NADVL) FMC_CLK low to FMC_NADV low
-
2.5
td(CLKL-NADVH) FMC_CLK low to FMC_NADV high
2
-
td(CLKL-AV)
FMC_CLK low to FMC_Ax valid (x=16…25)
-
5.5
td(CLKH-AIV)
FMC_CLK high to FMC_Ax invalid (x=16…25)
RxTHCLK/2 +0.5
-
td(CLKL-NWEL)
FMC_CLK low to FMC_NWE low
-
2
td(CLKH-NWEH)
FMC_CLK high to FMC_NWE high
RxTHCLK/2 +1
-
td(CLKL-Data)
FMC_D[15:0] valid data after FMC_CLK low
-
3.5
td(CLKL-NBLL)
FMC_CLK low to FMC_NBL low
1
-
td(CLKH-NBLH)
FMC_CLK high to FMC_NBL high
RxTHCLK/2 +1.5
-
tsu(NWAIT-CLKH) FMC_NWAIT valid before FMC_CLK high
1.5
-
th(CLKH-NWAIT) FMC_NWAIT valid after FMC_CLK high
4
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com