Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L4R5VG Datasheet(PDF) 272 Page - STMicroelectronics

Part # STM32L4R5VG
Description  Ultra-low-power Arm® Cortex®-M4 32-bit MCUFPU, 150DMIPS, up to 2MB Flash, 640KB SRAM, LCD-TFT & MIPI DSI, ext. SMPS
PDF  306 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4R5VG Datasheet(HTML) 272 Page - STMicroelectronics

Back Button STM32L4R5VG Datasheet HTML 268Page - STMicroelectronics STM32L4R5VG Datasheet HTML 269Page - STMicroelectronics STM32L4R5VG Datasheet HTML 270Page - STMicroelectronics STM32L4R5VG Datasheet HTML 271Page - STMicroelectronics STM32L4R5VG Datasheet HTML 272Page - STMicroelectronics STM32L4R5VG Datasheet HTML 273Page - STMicroelectronics STM32L4R5VG Datasheet HTML 274Page - STMicroelectronics STM32L4R5VG Datasheet HTML 275Page - STMicroelectronics STM32L4R5VG Datasheet HTML 276Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 306 page
background image
Electrical characteristics
STM32L4R5xx, STM32L4R7xx and STM32L4R9xx
272/306
DocID030321 Rev 3
and VDD supply voltage conditions summarized in Table 22: General operating conditions,
with the following configuration:
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Measurement points are done at CMOS levels: 0.5 x VDD
Refer to Section 6.3.17: I/O port characteristics for more details on the input/output alternate
function characteristics.
Table 120. OctoSPI(1) characteristics in SDR mode(2)
1. Values in the table applies to Octal and Quad SPI mode.
2. Guaranteed by characterization results.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
F(QCK)
OctoSPI clock
frequency
1.71 V < VDD< 3.6 V
Voltage Range 1
CLOAD = 20 pF
--
58
MHz
2.7 V < VDD< 3.6 V
Voltage Range 1
CLOAD = 20 pF
--
86
1.71 V < VDD< 3.6 V
Voltage Range 1
CLOAD = 15 pF
--
66
1.71 V < VDD< 3.6 V
Voltage Range 2
CLOAD = 20 pF
--
26
tw(CKH)
OctoSPI clock
high and low
time
Prescaler = 0
t(CK)/2-1
-
t(CK)/2
ns
tw(CKL)
t(CK)/2-1
-
t(CK)/2
ts(IN)
Data input
setup time
Voltage Range 1
0.5
-
-
Voltage Range 2
0
-
-
th(IN)
Data input
hold time
Voltage Range 1
7.75
-
-
Voltage Range 2
10.5
-
-
tv(OUT)
Data output
valid time
Voltage Range 1
-
2
3.5
Voltage Range 2
-
4
5.5
th(OUT)
Data output
hold time
Voltage Range 1
0
-
-
Voltage Range 2
0
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com